Electronic Components Datasheet Search
  English  ▼

X  

JISC7021B-10 Datasheet(PDF) 5 Page - Lite-On Technology Corporation

Part # JISC7021B-10
Description  Meet ROHS, Green Product Ultra bright A1InGaP Chip LED
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

JISC7021B-10 Datasheet(HTML) 5 Page - Lite-On Technology Corporation

  JISC7021B-10 Datasheet HTML 1Page - Lite-On Technology Corporation JISC7021B-10 Datasheet HTML 2Page - Lite-On Technology Corporation JISC7021B-10 Datasheet HTML 3Page - Lite-On Technology Corporation JISC7021B-10 Datasheet HTML 4Page - Lite-On Technology Corporation JISC7021B-10 Datasheet HTML 5Page - Lite-On Technology Corporation JISC7021B-10 Datasheet HTML 6Page - Lite-On Technology Corporation JISC7021B-10 Datasheet HTML 7Page - Lite-On Technology Corporation JISC7021B-10 Datasheet HTML 8Page - Lite-On Technology Corporation JISC7021B-10 Datasheet HTML 9Page - Lite-On Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
LITE-ON TECHNOLOGY CORPORATION
Property of Lite-On Only
Bin Code List
Part No. : LTST-C170KFKT
Page :
5
of
11
BNS-OD-C131/A4
Luminous Intensity
Unit : mcd @20mA
Bin Code
Min.
Max.
P
45.0
71.0
Q
71.0
112.0
R
112.0
180.0
S
180.0
280.0
Tolerance on each Intensity bin is +/-15%



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com