Electronic Components Datasheet Search
  English  ▼

X  

JISC7021B-10 Datasheet(PDF) 4 Page - Lite-On Technology Corporation

Part # JISC7021B-10
Description  Meet ROHS, Green Product Ultra bright A1InGaP Chip LED
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

JISC7021B-10 Datasheet(HTML) 4 Page - Lite-On Technology Corporation

  JISC7021B-10 Datasheet HTML 1Page - Lite-On Technology Corporation JISC7021B-10 Datasheet HTML 2Page - Lite-On Technology Corporation JISC7021B-10 Datasheet HTML 3Page - Lite-On Technology Corporation JISC7021B-10 Datasheet HTML 4Page - Lite-On Technology Corporation JISC7021B-10 Datasheet HTML 5Page - Lite-On Technology Corporation JISC7021B-10 Datasheet HTML 6Page - Lite-On Technology Corporation JISC7021B-10 Datasheet HTML 7Page - Lite-On Technology Corporation JISC7021B-10 Datasheet HTML 8Page - Lite-On Technology Corporation JISC7021B-10 Datasheet HTML 9Page - Lite-On Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
LITE-ON TECHNOLOGY CORPORATION
Property of Lite-On Only
Electrical Optical Characteristics At Ta=25℃
Parameter
Symbol
Part No.
LTST-
Min.
Typ.
Max.
Unit
Test Condition
Luminous Intensity
IV
C170KFKT
45.0
90.0
mcd
IF = 20mA
Note 1
Viewing Angle
2θ1/2
C170KFKT
130
deg
Note 2 (Fig.6)
Peak Emission Wavelength
λ
P
C170KFKT
611
nm
Measurement
@Peak (Fig.1)
Dominant Wavelength
λ
d
C170KFKT
605
nm
Note 3
Spectral Line Half-Width
Δλ
C170KFKT
17
nm
Forward Voltage
VF
C170KFKT
2.0
2.4
V
IF = 20mA
Reverse Current
IR
C170KFKT
100
μ
A
VR = 5V
Capacitance
C
C170KFKT
40
PF
VF = 0
f = 1MHZ
Notes: 1. Luminous intensity is measured with a light sensor and filter combination that approximates the
CIE eye-response curve.
2. θ1/2 is the off-axis angle at which the luminous intensity is half the axial luminous intensity.
3. The dominant wavelength, λd is derived from the CIE chromaticity diagram and represents the
single wavelength which defines the color of the device.
Part No. : LTST-C170KFKT
Page :
4
of
11
BNS-OD-C131/A4



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com