Electronic Components Datasheet Search
  English  ▼

X  

AM1335F Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # AM1335F
Description  HIGH CONTACT CAPACITY, PRECISE OPERATION
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AM1335F Datasheet(HTML) 3 Page - Panasonic Semiconductor

  AM1335F Datasheet HTML 1Page - Panasonic Semiconductor AM1335F Datasheet HTML 2Page - Panasonic Semiconductor AM1335F Datasheet HTML 3Page - Panasonic Semiconductor AM1335F Datasheet HTML 4Page - Panasonic Semiconductor AM1335F Datasheet HTML 5Page - Panasonic Semiconductor AM1335F Datasheet HTML 6Page - Panasonic Semiconductor AM1335F Datasheet HTML 7Page - Panasonic Semiconductor AM1335F Datasheet HTML 8Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
AM1
OPERATING CHARACTERISTICS
Standard types
Standard types (cont' d)
One way types
Reversed action types
Oil tight types
Types of actuator
Pin plunger
Overtravel plunger
Compact overtravel
plunger
Panel mount plunger
Operating force, max.
3.63 N
Release force, min.
1.12 N
Pretravel, max. mm
0.4
Movement differential, max. mm
0.05
Overtravel, min. mm
0.13
1.5
1.5
5.6
Operating position, mm
15.9
±0.4
28.2
±0.5
21.2
±0.5
21.8
±0.8
Types of actuator
Panel mount roller
plunger
Panel mount cross roller
plunger
Flexible leaf lever
Flexible roller leaf lever
Operating force, max.
3.63 N
1.47 N
Release force, min.
1.12 N
0.14 N
Pretravel, max. mm
0.4
4
Movement differential, max. mm
0.05
1.3
Overtravel, min. mm
3.6
1.6
Operating position, mm
33.3
±1.2
17.5
±0.8
28.6
±0.8
Types of actuator
Rigid lever
Rigid short roller lever
Rigid roller lever
Operating force, max.
0.69 N
1.57 N
0.98 N
Release force, min.
0.14 N
0.42 N
0.2 N
Pretravel, max. mm
10
4.5
7.5
Movement differential, max. mm
1.3
0.7
1.3
Overtravel, min. mm
5.6
2.4
3.6
Operating position, mm
19.1
±0.7
30.2
±0.4
30.2
±0.7
Types of actuator
Rigid short roller lever
Rigid roller lever
Operating force, max.
2.23 N
1.67 N
Release force, min.
0.42 N
0.42 N
Pretravel, max. mm
3.5
4.5
Movement differential, max. mm
0.4
0.5
Overtravel, min. mm
1.5
2.4
Free position, max. mm
31.8
43.3
Operating position, mm
30.2
±0.4
41.3
±0.4
Types of actuator
Rigid lever
Rigid short roller lever
Rigid roller lever
Operating force, max.
1.67 N
5.30 N
2.35 N
Release force, min.
0.27 N
1.67 N
0.56 N
Pretravel, max. mm
5.0
2.5
3.6
Movement differential, max. mm
0.9
0.4
0.7
Overtravel, min. mm
5.6
2.0
4.0
Operating position, mm
19.1
±0.8
30.2
±0.5
30.2
±0.8
Types of actuator
Rigid lever
Rigid short roller lever
Rigid roller lever
Operating force, max.
0.69 N
1.67 N
0.98 N
Release force, min.
0.14 N
0.42 N
0.20 N
Pretravel, max. mm
10
4.5
7.5
Movement differential, max. mm
1.5
0.7
1.3
Overtravel, min. mm
5.6
2.4
3.6
Operating position, mm
19.1
±0.7
30.2
±0.4
30.2
±0.7
AECTB8E 201201-T
Panasonic Corporation Automation Controls Business Unit industrial.panasonic.com/ac/e



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com