Electronic Components Datasheet Search
  English  ▼

X  

AM1335F Datasheet(PDF) 8 Page - Panasonic Semiconductor

Part # AM1335F
Description  HIGH CONTACT CAPACITY, PRECISE OPERATION
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AM1335F Datasheet(HTML) 8 Page - Panasonic Semiconductor

  AM1335F Datasheet HTML 1Page - Panasonic Semiconductor AM1335F Datasheet HTML 2Page - Panasonic Semiconductor AM1335F Datasheet HTML 3Page - Panasonic Semiconductor AM1335F Datasheet HTML 4Page - Panasonic Semiconductor AM1335F Datasheet HTML 5Page - Panasonic Semiconductor AM1335F Datasheet HTML 6Page - Panasonic Semiconductor AM1335F Datasheet HTML 7Page - Panasonic Semiconductor AM1335F Datasheet HTML 8Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
AM1
4. Oil tight types
mm General tolerance:
±0.4
NOTES
The pushbutton part is sealed with the rubber cap and the connected part between the cap and body is also coated with resin so that
these parts are kept away from foreign matters. This type has resistance to oil.
Rigid lever
AM1511F (Solder terminal)
AM1711F (Screw terminal)
26.1
20.1
±0.5
F.P.
O.P.
R63.5
Plunger seal
4.8
Lever: Stainless steel
Operating force,
max.
0.69 N
Release force,
min.
0.14 N
Pretravel,
max. mm
10
Movement differential,
max. mm
1.5
Overtravel,
min. mm
5.6
Operating position,
mm
19.1
±0.7
CAD Data
Rigid short roller lever
AM1514F (Solder terminal)
AM1714F (Screw terminal)
26.1
20.1
±0.5
16.9
±0.8
F.P.
O.P.
R26.7
Plunger seal
Roller 9.5 dia.
×4:
Plastic
Operating force,
max.
1.67 N
Release force,
min.
0.42 N
Pretravel, max.
mm
4.5
Movement differential,
max. mm
0.7
Overtravel,
min. mm
2.4
Operating position,
mm
30.2
±0.4
CAD Data
Rigid roller lever
AM1513F (Solder terminal)
AM1713F (Screw terminal)
26.1
20.1
±0.5
16.9
±0.8
F.P.
O.P.
R48.3
Plunger seal
Roller 9.5 dia.
×4:
Plastic
Operating force,
max.
0.98 N
Release force,
min.
0.20 N
Pretravel,
max. mm
7.5
Movement differential,
max. mm
1.3
Overtravel,
min. mm
3.6
Operating position,
mm
30.2
±0.7
CAD Data
1. Regarding fastening of switch body
1) In fastening the switch body, use M4
mounting screws to attach switches with
the torque 1.5 N·m or less.
2) After mounting and wiring, the
insulation distance between ground and
each terminal should be confirmed as
sufficient.
2. Adjustment of the operating device
The operating device should be
positioned so that it applies no stress to
the pushbutton or actuator when the
switch is in the open position. If this
condition is exceeded, the mechanical
and electrical performance will be
impaired. In addition, the force applied by
the operating device should be in a
perpendicular direction. Even if the
pushbutton is used in the full total travel
position, there will be no influence on the
life of the switch.
3. Soldering operations
Soldering should be done in less than 5
seconds, with a 60 watt iron (tip
temperature = 350°C max.). Care should
be taken not to apply force to the terminal
during soldering.
4. Avoid using switches in the
following conditions:
• In corrosive gases such as hydrogen
sulfide.
• In flammable or explosive gases such
as gasoline or thinner etc.
• In a dusty environment.
• In an ambient humidity over 85%.
• In conditions where the perpendicular
operating speed is less than 0.1 mm/sec.
or more than 1,000 mm/sec.
• In a silicon atmosphere.
5. Others
Caution should be taken not to drop
switches.
AECTB8E 201201-T
Panasonic Corporation Automation Controls Business Unit industrial.panasonic.com/ac/e



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com