Electronic Components Datasheet Search
  English  ▼

X  

BT730 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # BT730
Description  Class 1 Bluetooth v2.0 Module
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

BT730 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  BT730 Datasheet HTML 1Page - List of Unclassifed Manufacturers BT730 Datasheet HTML 2Page - List of Unclassifed Manufacturers BT730 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
BT730 Series
Class 1 Bluetooth v2.0 Module
CATEGORIES
FEATURE
IMPLEMENTATION
Wireless Specification
Bluetooth®
V2.0
Frequency
2.402 - 2.480 GHz
Max Transmit Power
Class 1
18dBm from antenna
Receive Sensitivity
Better than -87dBm
Range
Up to1000m
Data Rates
Up to 2.1Mbps (over the air)
UART Data Transfer Rate
Circa 300kbps
Host Interface
UART
TX, RX, DCD, RI, DTR, DSR, CTS, RTS
Default 9600, n,8, 1
From 1,200 to 921,600bps
GPIO
8 configurable lines
ADC
2 lines, 8 bit resolution
Profiles
SPP
Serial Port Profile
DUN
Dial Up Networking
FTP Client
File Transfer Client
HFP & HSP (Partial)
Hands Free & Headset
Control Protocols
AT Command Set - 1 connection
Multi-Point API - 3 simultaneous connections
Supply Voltage
Supply
3.3 – 5.0V
I/O
3.3V
Power Consumption
Current
Idle Mode – 1.25mA
Transmit (Max Data) – 35mA
Antenna Options
Internal
Multilayer ceramic - BT730-SA
External
Connection via u.FL - BT730-SC
Physical
Dimensions
15.29 mm x 28.71 mm x 3 mm
Environmental
Operating
-40C to +85C
Miscellaneous
Lead Free
Lead-free and RoHS compliant
Warranty
1 Year
Development Tools
Development Kit
Development board and Software Tools
Approvals
Bluetooth®
End Product Listing (EPL)
FCC / IC / CE
All BT730 Series
Ordering Information
BT730-SA
Class 1 Bluetooth v2.0 Module ( internal antenna)
BT730-SC
Class 1 Bluetooth v2.0 Module (u.FL connector)
DVK- BT730-SA
Development Kit (internal antenna)
DVK- BT730-SC
Development Kit (u.FL connector)
LWS-DS-BT730-0713
Any information furnished by Laird Technologies, Inc. and its agents is believed to be accurate and reliable. All specifications are subject to change without notice. Responsibility for the use and
application of Laird Technologies materials rests with the end user. Laird Technologies makes no warranties as to the fitness, merchantability, suitability or non- infringement of any Laird Technologies
materials or products for any specific or general uses. Laird Technologies shall not be liable for incidental or consequential damages of any kind. All Laird Technologies products are sold pursuant to the
Laird Technologies’ Terms and Conditions of sale in effect from time to time, a copy of which will be furnished upon request. © Copyright 2013 Laird Technologies, Inc. All Rights Reserved. Laird, Laird



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com