Electronic Components Datasheet Search
  English  ▼

X  

BT730 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # BT730
Description  Class 1 Bluetooth v2.0 Module
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

BT730 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  BT730 Datasheet HTML 1Page - List of Unclassifed Manufacturers BT730 Datasheet HTML 2Page - List of Unclassifed Manufacturers BT730 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
BT730 Series
Class 1 Bluetooth v2.0 Module
USA: +1.800.492.2320
Europe: +44.1628.858.940
Asia: +852.2923.0610
wirelessinfo@lairdtech.com
www.lairdtech.com/bluetooth
Every BT730 series Bluetooth
® module from Laird Technologies is designed to add
robust, long-range Bluetooth data connectivity to any device. Based on the
market-leading Cambridge Silicon Radio (CSR) BC04 chipset, BT730 modules
provide exceptionally low power consumption with outstanding Class 1 range via
18 dBm of transmit power. A broad range of Bluetooth profiles such as Serial Port
Profile (SPP) and other vital features make BT730 modules superior to other
Bluetooth modules.
With a compact footprint of 15.29 x 28.71 mm, the modules deliver maximum
range with a minimum size. Another integration advantage is the inclusion of a
complete Bluetooth v2.0 protocol stack with support for multi-point connections
and numerous Bluetooth profiles, including Serial Port Profile (SPP), Dial Up
Networking (DUN), FTP Client plus partial support for Headset (HSP), and
HandsFree (HFP). BT730 modules are fully qualified as a Bluetooth End Products,
enabling designers to integrate the modules in devices without the need for
further Bluetooth Qualification.
An integrated AT command processor interfaces to the host system over a serial
port using an extensive range of AT commands. The AT command set abstracts
the Bluetooth protocol from the host application, saving many months of
programming and integration time. It provides extremely short integration times
for data oriented Bluetooth applications.
Included firmware provides programming support for multi-point applications that
use up to three simultaneous data connections to and from the robust BT730
module. A low-cost developer’s kit makes it easy for an OEM to integrate the
module and guarantees the fastest route to prototype and then mass production.
Features & Benefits
Application Areas
Bluetooth v2.0
External or Internal Antennas
Comprehensive AT command set
Bluetooth EPL
Compact Footprint
Class 1 output - 18dBm
UART interface with GPIO,
PCM & ADC lines
Industrial Temperature range
Field Proven firmware used on
BTM40x and BISM II product ranges
Medical devices
ePOS terminals
Automotive Diagnostic
Equipment
Barcode Scanners
Industrial Cable
Replacement
Full detailed product documentation is available at:
http://www.lairdtech.com/Products/Embedded-Wireless-Solutions/Bluetooth-Radio-
Modules/BT700-Series/BT730/
The details contained within the document are subject to change.


Similar Part No. - BT730

ManufacturerPart #DatasheetDescription
logo
Laird Tech Smart Techno...
BT730 LSTD-BT730 Datasheet
1Mb / 31P
module from Laird Technologies is designed to add robust, long-range Bluetooth data connectivity to any device
BT730-SA LSTD-BT730-SA Datasheet
1Mb / 31P
module from Laird Technologies is designed to add robust, long-range Bluetooth data connectivity to any device
BT730-SC LSTD-BT730-SC Datasheet
1Mb / 31P
module from Laird Technologies is designed to add robust, long-range Bluetooth data connectivity to any device
More results

Similar Description - BT730

ManufacturerPart #DatasheetDescription
logo
HANAMICRON
HBH1X1M HANAMICRON-HBH1X1M Datasheet
251Kb / 17P
Bluetooth V2.0 EDR Class 1 Module
HBH2X1M HANAMICRON-HBH2X1M Datasheet
239Kb / 16P
Bluetooth V2.0 EDR Class 2 Module
HBM1X1M HANAMICRON-HBM1X1M Datasheet
229Kb / 17P
Bluetooth V1.2 Class 1 Module
logo
STMicroelectronics
GS-BT2416C1 STMICROELECTRONICS-GS-BT2416C1 Datasheet
279Kb / 11P
Bluetooth Class 1 Module
26-Jan-2007
logo
List of Unclassifed Man...
F1E21 ETC2-F1E21 Datasheet
839Kb / 14P
BLUETOOTH V2.0 EDR CLASS 2 MODULE
DFBM-CF320 ETC2-DFBM-CF320 Datasheet
142Kb / 11P
A Class 2 Bluetooth module compliant with Bluetooth Specification V2.0EDR for various application
logo
STMicroelectronics
BT-STA2416C1 STMICROELECTRONICS-BT-STA2416C1 Datasheet
384Kb / 13P
Bluetooth class 1 module
21-Dec-2006
SPBT2563C1 STMICROELECTRONICS-SPBT2563C1 Datasheet
321Kb / 13P
Bluetooth??class 1 module
14-Nov-2007
logo
DB Lectro Inc
SD1000U DBLECTRO-SD1000U Datasheet
333Kb / 2P
Bluetooth Specification v2.0 EDR Class 1
logo
Laird Tech Smart Techno...
BT740-SA LSTD-BT740-SA Datasheet
2Mb / 155P
Enhanced Class 1 Bluetooth v2.1 Module
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com