Electronic Components Datasheet Search
  English  ▼

X  

ES2A Datasheet(PDF) 1 Page - Yea Shin Technology Co., Ltd

Part # ES2A
Description  SURFACE MOUNT SUPERFAST RECTIFIER VOLTAGE - 50 to 600 Volts CURRENT - 2.0 Ampere
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YEASHIN [Yea Shin Technology Co., Ltd]
Direct Link  http://www.yeashin.com
Logo YEASHIN - Yea Shin Technology Co., Ltd

ES2A Datasheet(HTML) 1 Page - Yea Shin Technology Co., Ltd

  ES2A Datasheet HTML 1Page - Yea Shin Technology Co., Ltd ES2A Datasheet HTML 2Page - Yea Shin Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DATA SHEET
SEMICONDUCTOR
http://www.yeashin.com
1
REV.02 20120705
ES2A Thru ES2J
SURFACE MOUNT SUPERFAST RECTIFIER
VOLTAGE - 50 to 600 Volts CURRENT - 2.0 Ampere
FEATURES
•
For surface mounted applications
•
Low profile package
•
Built-in strain relief
•
Easy pick and place
•
Superfast recovery times for high efficiency
•
Plastic package has Underwriters Laboratory
Flammability Classification 94V-O
•
Glass passivated junction
•
High temperature soldering:
260
/ 10 seconds at terminals
High temperature soldering : 260
•
OC / 10 seconds at terminals
Pb free prod
•
uct at available : 99% Sn above meet RoHS
environment substance directive request
MECHANICAL DATA
•
Case: JEDEC DO-214AA molded plastic
•
Terminals: Solder plated, solderable per
MIL-STD-750, Method 2026
•
Polarity: Indicated by cathode band
•
Standard packaging: 12mm tape (EIA-481)
•
Weight: 0.003 ounce, 0.093 gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 ¢J ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
SYMBOLS
ES2A
ES2B
ES2C
ES2D
ES2E
ES2G
ES2J
UNITS
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
150
200
300
400
600
Volts
Maximum RMS Voltage
VRMS
35
70
105
140
210
280
420
Volts
Maximum DC Blocking Voltage
VDC
50
100
150
200
300
400
600
Volts
Maximum Average Forward Rectified Current,
at TL=110
I(AV)
2.0
Amps
Peak Forward Surge Current 8.3ms single half
sinewave superimposed on rated load(JEDEC method)
IFSM
50.0
Amps
Maximum Instantaneous Forward Voltage at 2.0A
VF
0.95
1.25
1.7
Volts
Maximum DC Reverse Current TA=25
At Rated DC Blocking Voltage TA=100
IR
5.0
100
uA
Maximum Reverse Recovery Time (Note 1)
TRR
35.0
nS
Typical Junction capacitance (Note 2)
CJ
25.0
pF
Typical Thermal Resistance (Note 3)
20.0
/W
Operating and Storage Temperature Range
TJ,TSTG
-55 to +150
NOTES:
1. Reverse Recovery Test Conditions: IF=0.5A, IR=1.0A, Irr=0.25A
2. Measured at 1 MHz and Applied reverse voltage of 4.0 volts
3. 8.0mm2 (.013mm thick) land areas
RθJA
OC
OC
OC
OC
OC
OC
SMA/DO-214AC
Unit:inch(mm)
.062(1.60)
.047(1.20)
.012(.305)
.006(.152)
.008(.203)
.002(.051)
.060(1.52)
.030(0.76)
.181(4.60)
.157(4.00)
.208(5.28)
.188(4.80)
.114(2.90)
.098(2.50)
.096(2.44)
.078(2.00)


Similar Part No. - ES2A

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
ES2A JGD-ES2A Datasheet
173Kb / 3P
2.0AMP. SUPER FAST RECOVRY SILICON RECTIFIERS
logo
Shanghai Sunrise Electr...
ES2A SSE-ES2A Datasheet
17Kb / 1P
SURFACE MOUNT SUPER FAST SWITCHING RECTIFIER
logo
Fairchild Semiconductor
ES2A FAIRCHILD-ES2A Datasheet
43Kb / 3P
2.0 Ampere Superfast Rectifiers
logo
Diodes Incorporated
ES2A DIODES-ES2A Datasheet
45Kb / 2P
2.0A SURFACE MOUNT SUPER-FAST RECTIFIER
DS14002 Rev. F-2
logo
Fuji Electric
ES2A FUJI-ES2A Datasheet
750Kb / 1P
2 AMP SURFACE MOUNT GLASS SUPER FAST RECOVERY RECTIFIER
More results

Similar Description - ES2A

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
ER1A PANJIT-ER1A Datasheet
63Kb / 2P
SURFACE MOUNT SUPERFAST RECTIFIER(VOLTAGE - 50 to 600 Volts CURRENT - 1.0 Ampere)
ER2A PANJIT-ER2A Datasheet
64Kb / 2P
SURFACE MOUNT SUPERFAST RECTIFIER(VOLTAGE - 50 to 600 Volts CURRENT - 2.0 Amperes)
logo
Surge Components
ER2A SURGE-ER2A Datasheet
84Kb / 2P
SURFACE MOUNT SUPERFAST RECTIFIER VOLTAGE - 50 - 600 Volts CURRENT - 2.0 Amperes
logo
Yea Shin Technology Co....
E1A YEASHIN-E1A Datasheet
365Kb / 2P
SURFACE MOUNT SUPERFAST RECTIFIER VOLTAGE - 50 to 600 Volts CURRENT - 1.0 Ampere
E2A YEASHIN-E2A Datasheet
138Kb / 2P
SURFACE MOUNT SUPERFAST RECTIFIER VOLTAGE - 50 to 600 Volts CURRENT - 2.0 Ampere
EK3A YEASHIN-EK3A Datasheet
422Kb / 2P
SURFACE MOUNT SUPERFAST RECTIFIER VOLTAGE - 50 to 600 Volts CURRENT - 3.0 Ampere
EK5A YEASHIN-EK5A Datasheet
447Kb / 2P
SURFACE MOUNT SUPERFAST RECTIFIER VOLTAGE - 50 to 600 Volts CURRENT - 5.0 Ampere
ER2A YEASHIN-ER2A Datasheet
44Kb / 2P
SURFACE MOUNT SUPERFAST RECTIFI ER VOLTAGE - 50 to 600 Volts CURRENT - 2.0 Ampere
ER3A YEASHIN-ER3A Datasheet
786Kb / 3P
SURFACE MOUNT SUPERFAST RECTIFIER VOLTAGE - 50 to 600 Volts CURRENT - 3.0 Ampere
ES1A YEASHIN-ES1A Datasheet
41Kb / 2P
SURFACE MOUNT SUPERFAST RECTIFIER VOLTAGE - 50 to 600 Volts CURRENT - 1.0 Ampere
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com