Electronic Components Datasheet Search
  English  ▼

X  

MRFIC2004 Datasheet(PDF) 2 Page - Motorola, Inc

Part # MRFIC2004
Description  900 MHz DRIVER & RAMP SILICON MONOLITHIC INTEGRATED CIRCUIT
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MRFIC2004 Datasheet(HTML) 2 Page - Motorola, Inc

  MRFIC2004 Datasheet HTML 1Page - Motorola, Inc MRFIC2004 Datasheet HTML 2Page - Motorola, Inc MRFIC2004 Datasheet HTML 3Page - Motorola, Inc MRFIC2004 Datasheet HTML 4Page - Motorola, Inc MRFIC2004 Datasheet HTML 5Page - Motorola, Inc MRFIC2004 Datasheet HTML 6Page - Motorola, Inc MRFIC2004 Datasheet HTML 7Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
MRFIC2004
2
MOTOROLA RF DEVICE DATA
RECOMMENDED OPERATING RANGES
Parameter
Symbol
Value
Unit
Supply Voltage Ranges
VCC1, VCC2
2.7 to 4.0
Vdc
Control Voltage Ranges
TX EN, RX EN,
Vcont
0 to VCC1
Vdc
Frequency Range
f
800 to 1000
MHz
ELECTRICAL CHARACTERISTICS (VCC1, VCC2 = 3.0 V, CINT = 2.0 nF, TA = 25°C, f = 900 MHz, VCONT = 1.3 V)
Characteristics (1)
Min
Typ
Max
Unit
Supply Current, TX EN High, RX EN Low
—
11
13
mA
Supply Current, TX EN Low, RX EN High
—
0.7
1.5
mA
Driver Characteristics (1)
Gain (Small Signal)
19
21.5
24
dB
Gain Control (Small Signal)
—
34
—
dB
Power Out @ 1.0 dB Gain Compression
– 4.0
–1.0
—
dBm
Third Order Intercept Point (out)
—
+ 7.5
—
dBm
Reverse Isolation
—
32
—
dB
Ramp Characteristics (1)
Ramp Up Delay Time
Rise Time
Total Time
—
—
—
4.0
18
22
—
—
—
µs
Ramp Down Delay Time
Fall Time
Total Time
—
—
—
4.0
18
22
—
—
—
µs
LOGIC LEVELS (VCC1 = 2.7 to 4.0 V, TA = 25°C)
RX EN & TX EN Input Voltage
Min
Typ
Max
Unit
High
Low
VCC1 – 0.8
—
—
—
—
0.8
V
RX EN Output Voltage
High
Low
VCC1 – 0.2
—
—
—
—
0.2
V
NOTE:
1. All electrical characteristics measured in test circuit schematic shown in Figure 1 below.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com