Electronic Components Datasheet Search
  English  ▼

X  

MRFIC2004 Datasheet(PDF) 3 Page - Motorola, Inc

Part # MRFIC2004
Description  900 MHz DRIVER & RAMP SILICON MONOLITHIC INTEGRATED CIRCUIT
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MRFIC2004 Datasheet(HTML) 3 Page - Motorola, Inc

  MRFIC2004 Datasheet HTML 1Page - Motorola, Inc MRFIC2004 Datasheet HTML 2Page - Motorola, Inc MRFIC2004 Datasheet HTML 3Page - Motorola, Inc MRFIC2004 Datasheet HTML 4Page - Motorola, Inc MRFIC2004 Datasheet HTML 5Page - Motorola, Inc MRFIC2004 Datasheet HTML 6Page - Motorola, Inc MRFIC2004 Datasheet HTML 7Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
MRFIC2004
MOTOROLA RF DEVICE DATA
Figure 1. Typical Biasing Configuration
VRAMP
+
–
+
–
+
–
+
–
+
–
+
–
VCC 1
TX EN
RX EN
RX EN
RF OUT
50
Ω
RF IN
50
Ω
Vcont
VCC 2
CINT C6
C5
C7
C9
C3
C2
C1
L1
R1
C10
C11
50
Ω LINE
L2
D.U.T.
50
Ω LINE
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
C1, C7, C9 — 1000 pF Chip Capacitor
C2, C5, C6, C10 — 100 pF Chip Capacitor
C3 — 1.6 pF Chip Capacitor
CINT — 2000 pF Chip Capacitor
RF Connectors — SMA Type
Board Material — Epoxy/Glass
εr = 4.5,
Dielectric Thickness = 0.014
″ (0.36 mm)
+
–
C11 — 6.2 pF Chip Capacitor
L1 — 4.7 nH Chip Inductor
L2 — 150 nH Chip Inductor
R1 — 330
Ω Chip Resistor
Figure 2. S11 versus Frequency versus Vcont
Figure 3. S22 versus Frequency
f = 500 MHz
Zo = 50 Ω
Zo = 50 Ω
f = 500 MHz
1000
1000
750
750
Vcont = 3.0 V
Vcont = 1.0 V
Vcont = 1.0 or 3.0 V
V
f
S11
S21
S12
S22
Vcont
f
(MHz)
|S11|
∠φ
|S21|
∠φ
|S12|
∠φ
|S22|
∠φ
1.0
100
0.85
– 11.3
10.48
– 171.5
0.0002
142.7
0.99
– 2.9
300
0.83
– 32.8
10.33
– 156.3
0.0020
129.0
0.99
– 7.3
500
0.79
– 56.9
10.15
– 140.5
0.0030
130.6
0.98
– 15.9
550
0.79
– 62.5
10.04
– 135.9
0.0030
132.6
0.98
– 17.9
600
0.78
– 68.5
9.85
– 130.2
0.0040
133.3
0.98
– 20.0
650
0.77
–74
9.47
– 126.9
0.0040
135.9
0.98
– 22.3
700
0.76
–79
9.23
– 123.6
0.0050
137.2
0.98
– 24.7
750
0.76
– 84.4
9.02
– 119.4
0.0050
138.1
0.97
– 27.0
800
0.75
– 89.6
8.69
– 113.8
0.0060
139.7
0.97
– 29.3
850
0.74
– 94.5
8.33
– 110.8
0.0070
140.3
0.97
– 31.4
900
0.73
– 99.1
8.13
– 108.9
0.0080
141.2
0.96
– 33.2
950
0.73
– 102
7.98
– 105.4
0.0090
138.3
0.96
– 36.3



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com