Electronic Components Datasheet Search
  English  ▼

X  

TL431AMSDT Datasheet(PDF) 5 Page - NXP Semiconductors

Part # TL431AMSDT
Description  Adjustable precision shunt regulator
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TL431AMSDT Datasheet(HTML) 5 Page - NXP Semiconductors

  TL431AMSDT Datasheet HTML 1Page - NXP Semiconductors TL431AMSDT Datasheet HTML 2Page - NXP Semiconductors TL431AMSDT Datasheet HTML 3Page - NXP Semiconductors TL431AMSDT Datasheet HTML 4Page - NXP Semiconductors TL431AMSDT Datasheet HTML 5Page - NXP Semiconductors TL431AMSDT Datasheet HTML 6Page - NXP Semiconductors TL431AMSDT Datasheet HTML 7Page - NXP Semiconductors TL431AMSDT Datasheet HTML 8Page - NXP Semiconductors TL431AMSDT Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
TL431_FAM
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 4 — 30 June 2011
5 of 27
NXP Semiconductors
TL431 family
Adjustable precision shunt regulator
8.
Pinning information
9.
Limiting values
[1]
Device mounted on an FR4 Printed-Circuit Board (PCB), single-sided copper, tin-plated and standard
footprint.
[2]
Device mounted on an FR4 PCB, single-sided copper, tin-plated, mounting pad for anode 1 cm2.
[3]
Device mounted on a ceramic PCB, Al2O3, standard footprint.
Table 5.
Pinning
Pin
Symbol
Description
Simplified outline
Graphic symbol
Normal pinning: All types without MFDT and MSDT ending
1
k
cathode
2
REF
reference
3
a
anode
Mirrored pinning: All types with MFDT and MSDT ending
1
REF
reference
2
k
cathode
3
a
anode
12
3
006aab355
REF
ak
12
3
006aab355
REF
ak
Table 6.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VKA
cathode-anode voltage
-
37
V
IK
cathode current
100
150
mA
Iref
reference current
0.05
10
mA
Ptot
total power dissipation
Tamb  25 C
[1] -350
mW
[2] -580
mW
[3] -950
mW
Tj
junction temperature
-
150
C
Tamb
ambient temperature
TL431XCDBZR
0
+70
C
TL431XIDBZR
40
+85
C
TL431XQDBZR
TL431XFDT
TL431XSDT
40
+125
C
Tstg
storage temperature
65
+150
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com