Electronic Components Datasheet Search
  English  ▼

X  

TL431AMSDT Datasheet(PDF) 18 Page - NXP Semiconductors

Part # TL431AMSDT
Description  Adjustable precision shunt regulator
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TL431AMSDT Datasheet(HTML) 18 Page - NXP Semiconductors

Back Button TL431AMSDT Datasheet HTML 14Page - NXP Semiconductors TL431AMSDT Datasheet HTML 15Page - NXP Semiconductors TL431AMSDT Datasheet HTML 16Page - NXP Semiconductors TL431AMSDT Datasheet HTML 17Page - NXP Semiconductors TL431AMSDT Datasheet HTML 18Page - NXP Semiconductors TL431AMSDT Datasheet HTML 19Page - NXP Semiconductors TL431AMSDT Datasheet HTML 20Page - NXP Semiconductors TL431AMSDT Datasheet HTML 21Page - NXP Semiconductors TL431AMSDT Datasheet HTML 22Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 27 page
background image
TL431_FAM
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 4 — 30 June 2011
18 of 27
NXP Semiconductors
TL431 family
Adjustable precision shunt regulator
Tamb =25 C
(1) VKA =Vref
(2) VKA =5V
VKA = 10 V: no oscillation
VKA = 15 V: no oscillation
Fig 29. TL431XSDT: Cathode current as a function of load capacitance; typical values
VKA =Vref
Tamb =25 C
VKA =5 V
VKA > 10 V: stable operation
Tamb =25 C
Fig 30. Test circuit (1) to Figure 29
Fig 31. Test circuit (2) to Figure 29
006aab591
40
60
20
80
100
IK
(mA)
0
10−1
CL (nF)
103
104
102
110
Stable
Oscillation
Stable
(2)
(2)
(1)
(1)
006aab589
GND
CL
IK
150
Ω
VBATT
006aab590
GND
CL
IK
150
Ω
VBATT
R2
R1 = 10 k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com