Electronic Components Datasheet Search
  English  ▼

X  

KA431AZTA. Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # KA431AZTA.
Description  Programmable Shunt Regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KA431AZTA. Datasheet(HTML) 6 Page - Fairchild Semiconductor

Back Button KA431AZTA. Datasheet HTML 2Page - Fairchild Semiconductor KA431AZTA. Datasheet HTML 3Page - Fairchild Semiconductor KA431AZTA. Datasheet HTML 4Page - Fairchild Semiconductor KA431AZTA. Datasheet HTML 5Page - Fairchild Semiconductor KA431AZTA. Datasheet HTML 6Page - Fairchild Semiconductor KA431AZTA. Datasheet HTML 7Page - Fairchild Semiconductor KA431AZTA. Datasheet HTML 8Page - Fairchild Semiconductor KA431AZTA. Datasheet HTML 9Page - Fairchild Semiconductor KA431AZTA. Datasheet HTML 10Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
© 2004 Fairchild Semiconductor Corporation
www.fairchildsemi.com
KA431 / KA431A / KA431L Rev. 1.2.1
6
Typical Performance Characteristics (Continued)
Figure11. Stability Boundary Conditions
100p
1n
10n
100n
1?
10?
0
20
40
60
80
100
120
140
D
C
B
A
A V
KA = Vref
B V
KA = 5.0 V @ IK = 10mA
C V
KA = 10 V @ IK = 10mA
D V
KA = 15 V @ IK = 10mA
T
A = 25
o
C
C
L, LOAD CAPACITANCE



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com