Electronic Components Datasheet Search
  English  ▼

X  

KA431AZTA. Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # KA431AZTA.
Description  Programmable Shunt Regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KA431AZTA. Datasheet(HTML) 1 Page - Fairchild Semiconductor

  KA431AZTA. Datasheet HTML 1Page - Fairchild Semiconductor KA431AZTA. Datasheet HTML 2Page - Fairchild Semiconductor KA431AZTA. Datasheet HTML 3Page - Fairchild Semiconductor KA431AZTA. Datasheet HTML 4Page - Fairchild Semiconductor KA431AZTA. Datasheet HTML 5Page - Fairchild Semiconductor KA431AZTA. Datasheet HTML 6Page - Fairchild Semiconductor KA431AZTA. Datasheet HTML 7Page - Fairchild Semiconductor KA431AZTA. Datasheet HTML 8Page - Fairchild Semiconductor KA431AZTA. Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
© 2004 Fairchild Semiconductor Corporation
www.fairchildsemi.com
KA431 / KA431A / KA431L Rev. 1.2.1
1
July 2013
KA431 / KA431A / KA431L
Programmable Shunt Regulator
Features
• Programmable Output Voltage to 36 V
• Low Dynamic Output Impedance: 0.2
Ω (Typical)
• Sink Current Capability: 1.0 to 100 mA
• Equivalent Full-Range Temperature Coefficient
of 50 ppm/°C (Typical)
• Temperature Compensated for Operation
Over Full Rated Operating Temperature Range
• Low Output Noise Voltage
• Fast Turn-on Response
Ordering Information
Part Number
Operating
Temperature
Range
Output Voltage
Tolerance
Top Mark
Package
Packing Method
KA431DTF
-25 ~ +85°C
2%
431
8-SOIC
Tape and Reel
KA431ADTF
1%
431A
8-SOIC
Tape and Reel
KA431AZBU
KA431AZ
TO-92
Bulk
KA431AZTA
KA431AZ
TO-92
Ammo
KA431LZTA
0.5%
KA431LZ
TO-92
Ammo
Description
The KA431 / KA431A / KA431L are three-terminal
adjustable regulators with a guaranteed thermal stability
over the operating temperature range. The output volt-
age can be set to any value between VREF (approxi-
mately 2.5 V) and 36 V with two external resistors.
These devices have a typical dynamic output impedance
of 0.2
Ω. Active output circuitry provides a sharp turn-on
characteristic, making these devices excellent replace-
ments for Zener diodes in many applications.
TO-92
8-SOIC
1. Ref 2. Anode 3. Cathode
1
1
1.Cathode
2.3.6.7.Anode
4.5.NC 8.Ref


Similar Part No. - KA431AZTA.

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KA431AZTA FAIRCHILD-KA431AZTA Datasheet
1Mb / 13P
Programmable Shunt Regulator
KA431AZTA FAIRCHILD-KA431AZTA Datasheet
153Kb / 12P
Programmable Shunt Regulator
KA431AZTA FAIRCHILD-KA431AZTA Datasheet
153Kb / 12P
Programmable Shunt Regulator
KA431AZTA FAIRCHILD-KA431AZTA Datasheet
230Kb / 11P
Programmable Shunt Regulator
logo
ON Semiconductor
KA431AZTA ONSEMI-KA431AZTA Datasheet
340Kb / 11P
Programmable Shunt Regulator
Octeber-2017, Rev. 2
More results

Similar Description - KA431AZTA.

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KA431 FAIRCHILD-KA431 Datasheet
90Kb / 12P
Programmable Shunt Regulator
LM431A FAIRCHILD-LM431A Datasheet
122Kb / 12P
Programmable Shunt Regulator
TL431 FAIRCHILD-TL431 Datasheet
87Kb / 10P
Programmable Shunt Regulator
LM336-2.5 FAIRCHILD-LM336-2.5 Datasheet
60Kb / 6P
Programmable Shunt Regulator
LM336Z25 FAIRCHILD-LM336Z25 Datasheet
178Kb / 6P
Programmable Shunt Regulator
LM336-5.0 FAIRCHILD-LM336-5.0 Datasheet
64Kb / 6P
Programmable Shunt Regulator
LM336Z5 FAIRCHILD-LM336Z5 Datasheet
157Kb / 6P
Programmable Shunt Regulator
LM431BIZX FAIRCHILD-LM431BIZX Datasheet
230Kb / 11P
Programmable Shunt Regulator
LM431ACZX FAIRCHILD-LM431ACZX Datasheet
230Kb / 11P
Programmable Shunt Regulator
logo
ON Semiconductor
KA431S ONSEMI-KA431S Datasheet
457Kb / 11P
Programmable Shunt Regulator
March 2015 Rev. 6.7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com