Electronic Components Datasheet Search
  English  ▼

X  

C0402 Datasheet(PDF) 21 Page - TDK Electronics

Part # C0402
Description  MULTILAYER CERAMIC CHIP CAPACITORS
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

C0402 Datasheet(HTML) 21 Page - TDK Electronics

Back Button C0402 Datasheet HTML 17Page - TDK Electronics C0402 Datasheet HTML 18Page - TDK Electronics C0402 Datasheet HTML 19Page - TDK Electronics C0402 Datasheet HTML 20Page - TDK Electronics C0402 Datasheet HTML 21Page - TDK Electronics C0402 Datasheet HTML 22Page - TDK Electronics C0402 Datasheet HTML 23Page - TDK Electronics C0402 Datasheet HTML 24Page - TDK Electronics C0402 Datasheet HTML 25Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 55 page
background image
•Allspecificationsaresubjecttochangewithoutnotice.
Page 20
MULTILAYER CERAMIC CHIP CAPACITORS
004-01 / 20130827 / mlcc_commercial_general_en
EIA CC1812 [C4532]
C0G
CH
JB
1H
(50V)
1H
(50V)
1H
(50V)
1E
(25V)
1C
(16V)
47,000
68,000
100,000
150,000
220,000
6,800,000
10,000,000
15,000,000
22,000,000
33,000,000
473
683
104
154
224
685
106
156
226
336
J: ± 5%
K: ± 10%
M: ± 20%
1.60 mm
2.00 mm
2.50 mm
3.20 mm
X5R
X6S
X7R
1H
(50V)
1E
(25V)
1C
(16V)
1A
(10V)
0J
(6.3V)
0J
(6.3V)
1H
(50V)
1E
(25V)
1C
(16V)
1,000,000
2,200,000
3,300,000
4,700,000
6,800,000
10,000,000
15,000,000
22,000,000
33,000,000
47,000,000
68,000,000
100,000,000
105
225
335
475
685
106
156
226
336
476
686
107
K: ± 10%
M: ± 20%
1.60 mm
2.00 mm
2.50 mm
2.80 mm
Capacitance
Range Chart
Capacitance Range Chart
Temperature Characteristics: C0G (0 ± 30ppm/ºC), CH(0 ± 60ppm/ºC), JB(±10%)
Rated Voltage: 50V (1H), 25V (1E), 16V (1C)
Capacitance
(pF)
Code
Tolerance
Standard Thickness
Capacitance Range Chart
Temperature Characteristics: X5R (± 5%), X6S (±22%), X7R (±15%)
Rated Voltage: 50V (1H), 25V (1E), 16V (1C), 10V (1A), 6.3V (0J)
Capacitance
(pF)
Code
Tolerance
Standard Thickness
2.30 mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com