Electronic Components Datasheet Search
  English  ▼

X  

C0402 Datasheet(PDF) 33 Page - TDK Electronics

Part # C0402
Description  MULTILAYER CERAMIC CHIP CAPACITORS
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

C0402 Datasheet(HTML) 33 Page - TDK Electronics

Back Button C0402 Datasheet HTML 29Page - TDK Electronics C0402 Datasheet HTML 30Page - TDK Electronics C0402 Datasheet HTML 31Page - TDK Electronics C0402 Datasheet HTML 32Page - TDK Electronics C0402 Datasheet HTML 33Page - TDK Electronics C0402 Datasheet HTML 34Page - TDK Electronics C0402 Datasheet HTML 35Page - TDK Electronics C0402 Datasheet HTML 36Page - TDK Electronics C0402 Datasheet HTML 37Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 55 page
background image
•Allspecificationsaresubjecttochangewithoutnotice.
Capacitance
Range Table
Class 1 (Temperature Compensating)
Temperature Characteristics: CH (-25 to +85ºC, 0 ± 60 ppm/ºC)
Capacitance
Size
Thickness
(mm)
Capacitance
Tolerance
TDK Part Number
Rated Voltage Edc: 50V
Rated Voltage Edc: 25V
Rated Voltage Edc: 16V
5.6 nF
1608
0.80 ± 0.10
± 10%
C1608CH1H562K080AA
± 5%
C1608CH1H562J080AA
2012
0.60 ± 0.15
± 10%
C2012CH1H562K060AA
± 5%
C2012CH1H562J060AA
3216
0.60 ± 0.15
± 10%
C3216CH1H562K060AA
± 5%
C3216CH1H562J060AA
6.8 nF
1608
0.80 ± 0.10
± 10%
C1608CH1H682K080AA
± 5%
C1608CH1H682J080AA
2012
0.60 ± 0.15
± 10%
C2012CH1H682K060AA
± 5%
C2012CH1H682J060AA
3216
0.60 ± 0.15
± 10%
C3216CH1H682K060AA
± 5%
C3216CH1H682J060AA
8.2 nF
1608
0.80 ± 0.10
± 10%
C1608CH1H822K080AA
± 5%
C1608CH1H822J080AA
2012
0.60 ± 0.15
± 10%
C2012CH1H822K060AA
± 5%
C2012CH1H822J060AA
3216
0.60 ± 0.15
± 10%
C3216CH1H822K060AA
± 5%
C3216CH1H822J060AA
10 nF
1608
0.80 ± 0.10
± 10%
C1608CH1H103K080AA
± 5%
C1608CH1H103J080AA
2012
0.60 ± 0.15
± 10%
C2012CH1H103K060AA
± 5%
C2012CH1H103J060AA
3216
0.60 ± 0.15
± 10%
C3216CH1H103K060AA
± 5%
C3216CH1H103J060AA
15 nF
2012
0.85 ± 0.15
± 10%
C2012CH1H153K085AA
± 5%
C2012CH1H153J085AA
3216
0.60 ± 0.15
± 10%
C3216CH1H153K060AA
± 5%
C3216CH1H153J060AA
22 nF
2012
1.25 ± 0.20
± 10%
C2012CH1H223K125AA
± 5%
C2012CH1H223J125AA
3216
0.60 ± 0.15
± 10%
C3216CH1H223K060AA
± 5%
C3216CH1H223J060AA
3225
1.25 ± 0.20
± 10%
C3225CH1H223K125AA
± 5%
C3225CH1H223J125AA
33 nF
2012
1.25 ± 0.20
± 10%
C2012CH1H333K125AA
± 5%
C2012CH1H333J125AA
3216
0.85 ± 0.15
± 10%
C3216CH1H333K085AA
± 5%
C3216CH1H333J085AA
3225
1.60 ± 0.20
± 10%
C3225CH1H333K160AA
± 5%
C3225CH1H333J160AA
47 nF
3216
1.15 ± 0.15
± 10%
C3216CH1H473K115AA
± 5%
C3216CH1H473J115AA
3225
2.00 ± 0.20
± 10%
C3225CH1H473K200AA
± 5%
C3225CH1H473J200AA
4532
1.60 ± 0.20
± 10%
C4532CH1H473K160KA
± 5%
C4532CH1H473J160KA
68 nF
3216
1.60 ± 0.20
± 10%
C3216CH1H683K160AA
± 5%
C3216CH1H683J160AA
3225
2.00 ± 0.20
± 10%
C3225CH1H683K200AA
± 5%
C3225CH1H683J200AA
4532
1.60 ± 0.20
± 10%
C4532CH1H683K160KA
± 5%
C4532CH1H683J160KA
100 nF
3216
1.60 ± 0.20
± 10%
C3216CH1H104K160AA
± 5%
C3216CH1H104J160AA
3225
2.50 ± 0.30
± 10%
C3225CH1H104K250AA
± 5%
C3225CH1H104J250AA
4532
2.00 ± 0.20
± 10%
C4532CH1H104K200KA
± 5%
C4532CH1H104J200KA
150 nF
4532
2.50 ± 0.30
± 10%
C4532CH1H154K250KA
± 5%
C4532CH1H154J250KA
Page 32
MULTILAYER CERAMIC CHIP CAPACITORS
004-01 / 20130827 / mlcc_commercial_general_en



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com