Electronic Components Datasheet Search
  English  ▼

X  

C3225 Datasheet(PDF) 26 Page - TDK Electronics

Part # C3225
Description  MULTILAYER CERAMIC CHIP CAPACITORS
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

C3225 Datasheet(HTML) 26 Page - TDK Electronics

Back Button C3225 Datasheet HTML 22Page - TDK Electronics C3225 Datasheet HTML 23Page - TDK Electronics C3225 Datasheet HTML 24Page - TDK Electronics C3225 Datasheet HTML 25Page - TDK Electronics C3225 Datasheet HTML 26Page - TDK Electronics C3225 Datasheet HTML 27Page - TDK Electronics C3225 Datasheet HTML 28Page - TDK Electronics C3225 Datasheet HTML 29Page - TDK Electronics C3225 Datasheet HTML 30Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 55 page
background image
•Allspecificationsaresubjecttochangewithoutnotice.
Capacitance
Range Table
Class 1 (Temperature Compensating)
Temperature Characteristics: C0G (-55 to +125ºC, 0 ± 30 ppm/ºC)
Page 25
MULTILAYER CERAMIC CHIP CAPACITORS
004-01 / 20130827 / mlcc_commercial_general_en
Capacitance
Size
Thickness
(mm)
Capacitance
Tolerance
TDK Part Number
Rated Voltage Edc: 50V
Rated Voltage Edc: 25V
Rated Voltage Edc: 16V
120 pF
1005
0.50 ± 0.05
± 10%
C1005C0G1H121K050BA
± 5%
C1005C0G1H121J050BA
1608
0.80 ± 0.10
± 10%
C1608C0G1H121K080AA
± 5%
C1608C0G1H121J080AA
150 pF
1005
0.50 ± 0.05
± 1%
C1005C0G1H151F050BA
± 10%
C1005C0G1H151K050BA
± 2%
C1005C0G1H151G050BA
± 5%
C1005C0G1H151J050BA
1608
0.80 ± 0.10
± 1%
C1608C0G1H151F080AA
± 10%
C1608C0G1H151K080AA
± 2%
C1608C0G1H151G080AA
± 5%
C1608C0G1H151J080AA
180 pF
1005
0.50 ± 0.05
± 10%
C1005C0G1H181K050BA
± 5%
C1005C0G1H181J050BA
1608
0.80 ± 0.10
± 10%
C1608C0G1H181K080AA
± 5%
C1608C0G1H181J080AA
220 pF
1005
0.50 ± 0.05
± 1%
C1005C0G1H221F050BA
± 10%
C1005C0G1H221K050BA
± 2%
C1005C0G1H221G050BA
± 5%
C1005C0G1H221J050BA
1608
0.80 ± 0.10
± 1%
C1608C0G1H221F080AA
± 10%
C1608C0G1H221K080AA
± 2%
C1608C0G1H221G080AA
± 5%
C1608C0G1H221J080AA
270 pF
1005
0.50 ± 0.05
± 10%
C1005C0G1H271K050BA
± 5%
C1005C0G1H271J050BA
1608
0.80 ± 0.10
± 10%
C1608C0G1H271K080AA
± 5%
C1608C0G1H271J080AA
330 pF
1005
0.50 ± 0.05
± 1%
C1005C0G1H331F050BA
± 10%
C1005C0G1H331K050BA
± 2%
C1005C0G1H331G050BA
± 5%
C1005C0G1H331J050BA
1608
0.80 ± 0.10
± 1%
C1608C0G1H331F080AA
± 10%
C1608C0G1H331K080AA
± 2%
C1608C0G1H331G080AA
± 5%
C1608C0G1H331J080AA
390 pF
1005
0.50 ± 0.05
± 10%
C1005C0G1H391K050BA
± 5%
C1005C0G1H391J050BA
1608
0.80 ± 0.10
± 10%
C1608C0G1H391K080AA
± 5%
C1608C0G1H391J080AA
470 pF
1005
0.50 ± 0.05
± 1%
C1005C0G1H471F050BA
± 10%
C1005C0G1H471K050BA
± 2%
C1005C0G1H471G050BA
± 5%
C1005C0G1H471J050BA
1608
0.80 ± 0.10
± 1%
C1608C0G1H471F080AA
± 10%
C1608C0G1H471K080AA
± 2%
C1608C0G1H471G080AA
± 5%
C1608C0G1H471J080AA
560 pF
1005
0.50 ± 0.05
± 10%
C1005C0G1H561K050BA
± 5%
C1005C0G1H561J050BA
1608
0.80 ± 0.10
± 10%
C1608C0G1H561K080AA
± 5%
C1608C0G1H561J080AA
680 pF
1005
0.50 ± 0.05
± 1%
C1005C0G1H681F050BA
± 10%
C1005C0G1H681K050BA
± 2%
C1005C0G1H681G050BA
± 5%
C1005C0G1H681J050BA
1608
0.80 ± 0.10
± 1%
C1608C0G1H681F080AA
± 10%
C1608C0G1H681K080AA
± 2%
C1608C0G1H681G080AA
± 5%
C1608C0G1H681J080AA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com