Electronic Components Datasheet Search
  English  ▼

X  

C3225 Datasheet(PDF) 53 Page - TDK Electronics

Part # C3225
Description  MULTILAYER CERAMIC CHIP CAPACITORS
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

C3225 Datasheet(HTML) 53 Page - TDK Electronics

Back Button C3225 Datasheet HTML 47Page - TDK Electronics C3225 Datasheet HTML 48Page - TDK Electronics C3225 Datasheet HTML 49Page - TDK Electronics C3225 Datasheet HTML 50Page - TDK Electronics C3225 Datasheet HTML 51Page - TDK Electronics C3225 Datasheet HTML 52Page - TDK Electronics C3225 Datasheet HTML 53Page - TDK Electronics C3225 Datasheet HTML 54Page - TDK Electronics C3225 Datasheet HTML 55Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 53 / 55 page
background image
•Allspecificationsaresubjecttochangewithoutnotice.
Capacitance
Range Table
Class 2 (Temperature Stable)
Temperature Characteristics: X7R (-55 to +125ºC, ±15%)
Capacitance
Size
Thickness
(mm)
Capacitance
Tolerance
TDK Part Number
Rated Voltage Edc: 50V
Rated Voltage Edc: 35V
Rated Voltage Edc: 25V
Rated Voltage Edc: 16V
3.3 F
2012
1.25 ± 0.20
± 10%
C2012X7R1V335K125AC
C2012X7R1E335K125AB
C2012X7R1C335K125AB
± 20%
C2012X7R1V335M125AC
C2012X7R1E335M125AB
C2012X7R1C335M125AB
3216
1.60 ± 0.20
± 10%
C3216X7R1H335K160AC
C3216X7R1V335K160AB
C3216X7R1E335K160AC
± 20%
C3216X7R1H335M160AC
C3216X7R1V335M160AB
C3216X7R1E335M160AC
3225
1.60 ± 0.20
± 10%
C3225X7R1E335K160AA
± 20%
C3225X7R1E335M160AA
2.50 ± 0.30
± 10%
C3225X7R1H335K250AB
± 20%
C3225X7R1H335M250AB
4532
2.00 ± 0.20
± 10%
C4532X7R1H335K200KA
± 20%
C4532X7R1H335M200KA
4.7 F
2012
1.25 ± 0.20
± 10%
C2012X7R1V475K125AC
C2012X7R1E475K125AB
C2012X7R1C475K125AB
± 20%
C2012X7R1V475M125AC
C2012X7R1E475M125AB
C2012X7R1C475M125AB
3216
0.85 ± 0.10
± 10%
C3216X7R1V475K085AC
C3216X7R1E475K085AB
C3216X7R1C475K085AB
± 20%
C3216X7R1V475M085AC
C3216X7R1E475M085AB
C3216X7R1C475M085AB
1.60 ± 0.20
± 10%
C3216X7R1H475K160AC
C3216X7R1V475K160AB
C3216X7R1E475K160AC
C3216X7R1C475K160AB
± 20%
C3216X7R1H475M160AC
C3216X7R1V475M160AB
C3216X7R1E475M160AC
C3216X7R1C475M160AB
3225
2.00 ± 0.20
± 10%
C3225X7R1E475K200AA
± 20%
C3225X7R1E475M200AA
2.50 ± 0.30
± 10%
C3225X7R1H475K250AB
± 20%
C3225X7R1H475M250AB
4532
2.00 ± 0.20
± 10%
C4532X7R1H475K200KB
± 20%
C4532X7R1H475M200KB
C4532X7R1E475M200KA
5750
2.00 ± 0.20
± 10%
C5750X7R1H475K200KA
± 20%
C5750X7R1H475M200KA
2.80 ± 0.30
± 20%
C5750X7R1H475M280KA
6.8 F
3216
1.60 ± 0.20
± 10%
C3216X7R1V685K160AC
C3216X7R1E685K160AB
C3216X7R1C685K160AC
± 20%
C3216X7R1V685M160AC
C3216X7R1E685M160AB
C3216X7R1C685M160AC
3225
2.50 ± 0.30
± 10%
C3225X7R1E685K250AB
± 20%
C3225X7R1E685M250AB
4532
2.50 ± 0.30
± 10%
C4532X7R1H685K250KB
± 20%
C4532X7R1H685M250KB
5750
2.50 ± 0.30
± 10%
C5750X7R1H685K250KA
± 20%
C5750X7R1H685M250KA
10 F
3216
1.60 ± 0.20
± 10%
C3216X7R1V106K160AC
C3216X7R1E106K160AB
C3216X7R1C106K160AC
± 20%
C3216X7R1V106M160AC
C3216X7R1E106M160AB
C3216X7R1C106M160AC
3225
2.00 ± 0.20
± 10%
C3225X7R1C106K200AB
± 20%
C3225X7R1C106M200AB
2.50 ± 0.30
± 10%
C3225X7R1E106K250AC
± 20%
C3225X7R1H106M250AC
C3225X7R1E106M250AC
4532
2.30 ± 0.20
± 10%
C4532X7R1C106K230KA
± 20%
C4532X7R1C106M230KA
2.50 ± 0.30
± 10%
C4532X7R1E106K250KA
± 20%
C4532X7R1E106M250KA
5750
2.00 ± 0.20
± 20%
C5750X7R1E106M200KA
2.30 ± 0.20
± 10%
C5750X7R1H106K230KB
± 20%
C5750X7R1H106M230KB
15 F
3225
2.50 ± 0.30
± 20%
C3225X7R1C156M250AB
4532
2.50 ± 0.30
± 20%
C4532X7R1E156M250KC
2.80 ± 0.30
± 20%
C4532X7R1E156M280KB
5750
2.30 ± 0.20
± 20%
C5750X7R1E156M230KA
22 F
3225
2.50 ± 0.30
± 10%
C3225X7R1C226K250AC
± 20%
C3225X7R1C226M250AC
4532
2.00 ± 0.20
± 20%
C4532X7R1C226M200KC
2.30 ± 0.20
± 20%
C4532X7R1C226M230KB
2.50 ± 0.30
± 20%
C4532X7R1E226M250KC
5750
2.50 ± 0.30
± 20%
C5750X7R1E226M250KA
2.80 ± 0.30
± 20%
C5750X7R1C226M280KA
33 F
4532
2.50 ± 0.30
± 20%
C4532X7R1C336M250KC
5750
2.00 ± 0.20
± 20%
C5750X7R1C336M200KB
47 F
5750
2.30 ± 0.20
± 20%
C5750X7R1C476M230KB
Page 52
MULTILAYER CERAMIC CHIP CAPACITORS
004-01 / 20130827 / mlcc_commercial_general_en



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com