Electronic Components Datasheet Search
  English  ▼

X  

MRW2003 Datasheet(PDF) 5 Page - Motorola, Inc

Part # MRW2003
Description  MICROWAVE POWER TRANSISTORS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MRW2003 Datasheet(HTML) 5 Page - Motorola, Inc

  MRW2003 Datasheet HTML 1Page - Motorola, Inc MRW2003 Datasheet HTML 2Page - Motorola, Inc MRW2003 Datasheet HTML 3Page - Motorola, Inc MRW2003 Datasheet HTML 4Page - Motorola, Inc MRW2003 Datasheet HTML 5Page - Motorola, Inc MRW2003 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
MRW2001 MRW2003
MOTOROLA RF DEVICE DATA
PACKAGE DIMENSIONS
CASE 328A–03
ISSUE E
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M. 1982.
2. CONTROLLING DIMENSION: INCH.
STYLE 1:
1. EMITTER
2. COLLECTOR
3. BASE
F
R
E
12
DIM
MIN
MAX
MIN
MAX
MILLIMETERS
INCHES
A
0.795
0.805
20.20
20.45
B
0.245
0.255
6.23
6.47
C
0.145
0.170
3.69
4.31
D
0.115
0.125
2.93
3.17
E
0.055
0.065
1.40
1.65
F
0.045
0.055
1.15
1.39
G
0.562 BSC
14.27 BSC
J
0.003
0.006
0.08
0.15
K
0.260
0.375
6.60
9.52
N
0.175
0.185
4.45
4.69
Q
0.120
0.135
3.05
3.42
R
0.225
0.235
5.72
5.97
S
0.120
0.130
3.05
3.30
3
GD
Q 2 PL
–B–
–A–
M
A
M
0.15 (0.006)
B M
T
J
S
C
K
K
N
SEATING
–T– PLANE



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com