Electronic Components Datasheet Search
  English  ▼

X  

MRW2003 Datasheet(PDF) 3 Page - Motorola, Inc

Part # MRW2003
Description  MICROWAVE POWER TRANSISTORS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MRW2003 Datasheet(HTML) 3 Page - Motorola, Inc

  MRW2003 Datasheet HTML 1Page - Motorola, Inc MRW2003 Datasheet HTML 2Page - Motorola, Inc MRW2003 Datasheet HTML 3Page - Motorola, Inc MRW2003 Datasheet HTML 4Page - Motorola, Inc MRW2003 Datasheet HTML 5Page - Motorola, Inc MRW2003 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
MRW2001 MRW2003
MOTOROLA RF DEVICE DATA
TYPICAL CHARACTERISTICS
Figure 1. Output Power versus Input Power
Figure 2. Series Equivalent Input/Output Impedance
VCC = 28 V
Figure 3. Power Output and Efficiency versus Frequency
MRW2001
MRW2003
MRW2001
MRW2003
MRW2001
MRW2003
3
2
1
0
0.3
0.2
0.1
0
Pin, POWER INPUT (WATTS)
f = 1 GHz
1.5 GHz
2 GHz
2.3 GHz
VCC = 28 V
3
2
1
100
0
Pin, POWER INPUT (WATTS)
4
5
6
200
300
400
500
f = 1 GHz
1.5 GHz
2 GHz
2.3 GHz
VCC = 28 V
1.5
f = 1 GHz
2.3
2
f = 2.3 GHz
2
1
1.5
f = 1 GHz
f = 1 GHz
1.5
2
2.3
2
1.5
2.3
0
80
60
40
13
ηc
Po(sat)
f, FREQUENCY (GHz)
70
50
1.5
2
2.5
VCC = 28 V
6
5
4
3
ηc
VCC = 28 V
Po
2.5
2
1.5
0.5
1
70
50
30
13
f, FREQUENCY (GHz)
60
40
1.5
2
2.5
Zo = 50 Ω
ZOL*
Zin
Zo = 50 Ω
ZOL*
Zin



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com