Electronic Components Datasheet Search
  English  ▼

X  

FDC37C669-MT Datasheet(PDF) 57 Page - Microchip Technology

Part # FDC37C669-MT
Description  PC 98/99 Compliant Super I/O Floppy Disk Controller
PDF  162 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

FDC37C669-MT Datasheet(HTML) 57 Page - Microchip Technology

Back Button FDC37C669-MT Datasheet HTML 53Page - Microchip Technology FDC37C669-MT Datasheet HTML 54Page - Microchip Technology FDC37C669-MT Datasheet HTML 55Page - Microchip Technology FDC37C669-MT Datasheet HTML 56Page - Microchip Technology FDC37C669-MT Datasheet HTML 57Page - Microchip Technology FDC37C669-MT Datasheet HTML 58Page - Microchip Technology FDC37C669-MT Datasheet HTML 59Page - Microchip Technology FDC37C669-MT Datasheet HTML 60Page - Microchip Technology FDC37C669-MT Datasheet HTML 61Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 162 page
background image
57
Register 0 to "01" indicating abnormal termination, sets
the ND bit in Status Register 1 to "1" indicating a sector
not found, and terminates the Read Data Command.
After
reading
the
ID
and
Data
Fields
in
each
sector, the FDC checks the CRC bytes. If a CRC error
occurs in the ID or data field, the FDC sets the IC code in
Status Register 0 to "01" indicating abnormal termination,
sets the DE bit flag in Status Register 1 to "1", sets the
DD bit in Status Register 2 to "1" if CRC is incorrect in the
ID field, and terminates the Read Data Command. Table
22 describes the effect of the SK bit on the Read Data
command execution and results. Except where noted in
Table 22, the C or R value of the sector address is
automatically incremented (see Table 24).
Table 21 - Effects of MT and N Bits
MT
N
MAXIMUM TRANSFER
CAPACITY
FINAL SECTOR READ
FROM DISK
0
1
0
1
0
1
1
1
2
2
3
3
256 x 26 = 6,656
256 x 52 = 13,312
512 x 15 = 7,680
512 x 30 = 15,360
1024 x 8 = 8,192
1024 x 16 = 16,384
26 at side 0 or 1
26 at side 1
15 at side 0 or 1
15 at side 1
8 at side 0 or 1
16 at side 1
Table 22 - Skip Bit vs Read Data Command
SK BIT
VALUE
DATA ADDRESS
MARK TYPE
ENCOUNTERED
RESULTS
SECTOR
READ?
CM BIT OF
ST2 SET?
DESCRIPTION OF
RESULTS
0
0
1
1
Normal Data
Deleted Data
Normal Data
Deleted Data
Yes
Yes
Yes
No
No
Yes
No
Yes
Normal
termination.
Address not
incremented. Next
sector not
searched for.
Normal
termination.
Normal
termination. Sector
not read
("skipped").



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com