Electronic Components Datasheet Search
  English  ▼

X  

FDC37C669-MT Datasheet(PDF) 74 Page - Microchip Technology

Part # FDC37C669-MT
Description  PC 98/99 Compliant Super I/O Floppy Disk Controller
PDF  162 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

FDC37C669-MT Datasheet(HTML) 74 Page - Microchip Technology

Back Button FDC37C669-MT Datasheet HTML 70Page - Microchip Technology FDC37C669-MT Datasheet HTML 71Page - Microchip Technology FDC37C669-MT Datasheet HTML 72Page - Microchip Technology FDC37C669-MT Datasheet HTML 73Page - Microchip Technology FDC37C669-MT Datasheet HTML 74Page - Microchip Technology FDC37C669-MT Datasheet HTML 75Page - Microchip Technology FDC37C669-MT Datasheet HTML 76Page - Microchip Technology FDC37C669-MT Datasheet HTML 77Page - Microchip Technology FDC37C669-MT Datasheet HTML 78Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 162 page
background image
74
Bit 2
Setting this bit to a logic "1" clears all bytes in the XMIT
FIFO and resets its counter logic to 0. The shift register
is not cleared. This bit is self-clearing.
Bit 3
Writing to this bit has no effect on the operation of the
UART. The RXRDY and TXRDY pins are not available
on this chip.
Bit 4,5
Reserved
Bit 6,7
These bits are used to set the trigger level for the RCVR
FIFO interrupt.
INTERRUPT IDENTIFICATION REGISTER (IIR)
Address Offset = 2H, DLAB = X, READ
By accessing this register, the host CPU can determine
the highest priority interrupt and its source. Four levels of
priority interrupt exist. They are in descending order of
priority:
1. Receiver Line Status (highest priority)
2. Received Data Ready
3. Transmitter Holding Register Empty
4. MODEM Status (lowest priority)
Information indicating that a prioritized interrupt is pending
and the source of that interrupt is stored in the Interrupt
Identification Register (refer to Interrupt Control Table).
When the CPU accesses the IIR, the Serial Port freezes
all interrupts and indicates the highest priority pending
interrupt to the CPU. During this CPU access, even if the
Serial Port records new interrupts, the current indication
does not change until access is completed. The contents
of the IIR are described below.
Bit 0
This bit can be used in either a hardwired prioritized or
polled environment to indicate whether an interrupt is
pending. When bit 0 is a logic "0", an interrupt is pending
and the contents of the IIR may be used as a pointer to
the appropriate internal service routine. When bit 0 is a
logic "1", no interrupt is pending.
Bits 1 and 2
These two bits of the IIR are used to identify the highest
priority interrupt pending as indicated by the Interrupt
Control Table.
Bit 3
In non-FIFO mode, this bit is a logic "0". In FIFO mode
this bit is set along with bit 2 when a timeout interrupt is
pending.
Bits 4 and 5
These bits of the IIR are always logic "0".
Bits 6 and 7
These two bits are set when the FIFO CONTROL
Register bit 0 equals 1.
Bit 7
Bit 6
RCVR FIFO
Trigger Level
(BYTES)
0
0
1
0
1
4
1
0
8
1
1
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com