Electronic Components Datasheet Search
  English  ▼

X  

B65811 Datasheet(PDF) 9 Page - EPCOS

Part # B65811
Description  Ferrites and accessories
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B65811 Datasheet(HTML) 9 Page - EPCOS

Back Button B65811 Datasheet HTML 5Page - EPCOS B65811 Datasheet HTML 6Page - EPCOS B65811 Datasheet HTML 7Page - EPCOS B65811 Datasheet HTML 8Page - EPCOS B65811 Datasheet HTML 9Page - EPCOS B65811 Datasheet HTML 10Page - EPCOS B65811 Datasheet HTML 11Page - EPCOS B65811 Datasheet HTML 12Page - EPCOS B65811 Datasheet HTML 13Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
9
06/13
Please read Cautions and warnings and
Important notes at the end of this document.
Clamp
■
With ground terminal, made of stainless spring steel (tinned), 0.4 mm thick
■
Solderability to IEC 60068-2-20, test Ta, method 1 (aging 3): 235
C, 2 s
■
Also available as strip clamp on reels on request
Insulating washer 1 between core and coil former
■
For tolerance compensation and for insulation
■
Made of polycarbonate (UL 94 V-0, insulation class to IEC 60085: E
120
C), 0.08 mm thick
Aryphan F685, E167358 (M), natural color, LOFO HIGH TECH FILM GMBH
Insulating washer 2 for double-clad PCBs
■
Made of polycarbonate (UL 94 V-0, insulation class to IEC 60085: E
120
C), 0.25 mm thick
Makrofol FR7-2, E118859 (M), natural color, BAYER MATERIALSCIENCE AG
Clamp
Ordering code
Clamp (ordering code per piece, 2 are required)
B65812A2203X000
Insulating washer 1 (reel packing, PU = 1 reel)
B65812A5000X000
Insulating washer 2 (bulk)
B65812C2005X000
Insulating washer 1
Insulating washer 2
(preliminary data)
B65812
Accessories
RM 8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com