Electronic Components Datasheet Search
  English  ▼

X  

B65811 Datasheet(PDF) 11 Page - EPCOS

Part # B65811
Description  Ferrites and accessories
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B65811 Datasheet(HTML) 11 Page - EPCOS

Back Button B65811 Datasheet HTML 7Page - EPCOS B65811 Datasheet HTML 8Page - EPCOS B65811 Datasheet HTML 9Page - EPCOS B65811 Datasheet HTML 10Page - EPCOS B65811 Datasheet HTML 11Page - EPCOS B65811 Datasheet HTML 12Page - EPCOS B65811 Datasheet HTML 13Page - EPCOS B65811 Datasheet HTML 14Page - EPCOS B65811 Datasheet HTML 15Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
11
06/13
Please read Cautions and warnings and
Important notes at the end of this document.
■
To IEC 62317-4
■
For compact transformers
■
Without center hole
■
Delivery mode: sets
Magnetic characteristics (per set)
l/A = 0.44 mm–1
le
= 28.7 mm
Ae
= 64.9 mm2
Amin = 55.4 mm2
Ve
= 1860 mm3
Approx. weight 9.2 g/set
Ungapped
Material
AL value
nH
e
PV
W/set
Ordering code
N49
2900 +30/–20%
1020
< 0.33 ( 50 mT, 500 kHz, 100
C) B65811P0000R049
N92
3100 +30/–20%
1090
< 1.10 (200 mT, 100 kHz, 100
C) B65811P0000R092
N87
4100 +30/–20%
1440
< 0.92 (200 mT, 100 kHz, 100
C) B65811P0000R087
B65811P
Core
RM 8 »Low Profile«



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com