Electronic Components Datasheet Search
  English  ▼

X  

MCP14E4TESN Datasheet(PDF) 1 Page - Microchip Technology

Part # MCP14E4TESN
Description  4.0A Dual High-Speed Power MOSFET Drivers With Enable
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP14E4TESN Datasheet(HTML) 1 Page - Microchip Technology

  MCP14E4TESN Datasheet HTML 1Page - Microchip Technology MCP14E4TESN Datasheet HTML 2Page - Microchip Technology MCP14E4TESN Datasheet HTML 3Page - Microchip Technology MCP14E4TESN Datasheet HTML 4Page - Microchip Technology MCP14E4TESN Datasheet HTML 5Page - Microchip Technology MCP14E4TESN Datasheet HTML 6Page - Microchip Technology MCP14E4TESN Datasheet HTML 7Page - Microchip Technology MCP14E4TESN Datasheet HTML 8Page - Microchip Technology MCP14E4TESN Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
© 2008 Microchip Technology Inc.
DS22062B-page 1
MCP14E3/MCP14E4/MCP14E5
Features
• High Peak Output Current: 4.0A (typical)
• Independent Enable Function for Each Driver
Output
• Low Shoot-Through/Cross-Conduction Current in
Output Stage
• Wide Input Supply Voltage Operating Range:
- 4.5V to 18V
• High Capacitive Load Drive Capability:
- 2200 pF in 15 ns (typical)
- 5600 pF in 26 ns (typical)
• Short Delay Times: 50 ns (typical)
• Latch-Up Protected: Will Withstand 1.5A Reverse
Current
• Logic Input Will Withstand Negative Swing Up To
5V
• Space-Saving Packages:
- 8-Lead 6x5 DFN, PDIP, SOIC
Applications
• Switch Mode Power Supplies
• Pulse Transformer Drive
• Line Drivers
• Motor and Solenoid Drive
General Description
The MCP14E3/MCP14E4/MCP14E5 devices are a
family of 4.0A buffers/MOSFET drivers. Dual-inverting,
dual-noninvertering, and complementary outputs are
standard logic options offered.
The
MCP14E3/MCP14E4/MCP14E5
drivers
are
capable of operating from a 4.5V to 18V single power
supply and can easily charge and discharge 2200 pF
gate capacitance in under 15 ns (typical). They provide
low impedance in both the ON and OFF states to
ensure the MOSFET’s intended state will not be
affected, even by large transients. The MCP14E3/
MCP14E4/MCP14E5 inputs may be driven directly
from either TTL or CMOS (2.4V to 18V).
Additional
control
of
the
MCP14E3/MCP14E4/
MCP14E5 outputs is allowed by the use of separate
enable functions. The ENB_A and ENB_B pins are
active high and are internally pulled up to VDD. The pins
maybe left floating for standard operation.
The MCP14E3/MCP14E4/MCP14E5 dual-output 4.0A
driver family is offered in both surface-mount and pin-
through-hole packages with a -40°C to +125°C
temperature rating. The low thermal resistance of the
thermally enhanced DFN package allows for greater
power
dissipation
capability
for
driving
heavier
capacitive or resistive loads.
These devices are highly latch-up resistant under any
conditions within their power and voltage ratings. They
are not subject to damage when up to 5V of noise
spiking (of either polarity) occurs on the ground pin.
They can accept, without damage or logic upset, up to
1.5A of reverse current being forced back into their
outputs.
All
terminals
are
fully
protect
against
Electrostatic Discharge (ESD) up to 4 kV.
Package Types
ENB_A
IN A
GND
IN B
8-Pin
1
2
3
4
ENB_B
5
6
7
8
OUT A
OUT B
ENB_A
IN A
GND
IN B
VDD
Note 1: Exposed pad of the DFN package is electrically isolated.
MCP14E3
MCP14E4
ENB_B
OUT A
OUT B
VDD
MCP14E5
ENB_B
OUT A
OUT B
VDD
ENB_B
OUT A
OUT B
VDD
MCP14E3
MCP14E4
ENB_B
OUT A
OUT B
VDD
MCP14E5
ENB_B
OUT A
OUT B
VDD
PDIP/SOIC
8-Pin
6x5 DFN (1)
4.0A Dual High-Speed Power MOSFET Drivers With Enable


Similar Part No. - MCP14E4TESN

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP14E10 MICROCHIP-MCP14E10 Datasheet
817Kb / 30P
3.0A Dual High-Speed Power MOSFET Driver With Enable
2011
MCP14E10T MICROCHIP-MCP14E10T Datasheet
817Kb / 30P
3.0A Dual High-Speed Power MOSFET Driver With Enable
2011
MCP14E11 MICROCHIP-MCP14E11 Datasheet
817Kb / 30P
3.0A Dual High-Speed Power MOSFET Driver With Enable
2011
MCP14E11T MICROCHIP-MCP14E11T Datasheet
817Kb / 30P
3.0A Dual High-Speed Power MOSFET Driver With Enable
2011
MCP14E3 MICROCHIP-MCP14E3 Datasheet
411Kb / 26P
4.0A Dual High-Speed Power MOSFET Drivers With Enable
2008
More results

Similar Description - MCP14E4TESN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC27423 TI-UCC27423 Datasheet
385Kb / 24P
DUAL 4-A HIGH SPEED LOW SIDE MOSFET DRIVERS WITH ENABLE
logo
Microchip Technology
MCP14E3 MICROCHIP-MCP14E3 Datasheet
411Kb / 26P
4.0A Dual High-Speed Power MOSFET Drivers With Enable
2008
logo
Micrel Semiconductor
MIC44F18 MICREL-MIC44F18_11 Datasheet
757Kb / 17P
6A, 13V High Speed MOSFET Drivers with Enable Input
logo
Microchip Technology
MCP14E9 MICROCHIP-MCP14E9 Datasheet
817Kb / 30P
3.0A Dual High-Speed Power MOSFET Driver With Enable
2011
MCP14E6 MICROCHIP-MCP14E6 Datasheet
877Kb / 30P
2.0A Dual High-Speed Power MOSFET Driver With Enable
2011
logo
Texas Instruments
UCC27423-Q1 TI1-UCC27423-Q1 Datasheet
783Kb / 28P
DUAL 4-A HIGH-SPEED LOW-SIDE MOSFET DRIVERS WITH ENABLE
AUGUST2011
UCC27424DR TI1-UCC27424DR Datasheet
1Mb / 30P
Dual 4-A High Speed Low-Side MOSFET Drivers With Enable
UCC27423 TI1-UCC27423_13 Datasheet
1Mb / 30P
Dual 4-A High Speed Low-Side MOSFET Drivers With Enable
UCC27423-Q1 TI1-UCC27423-Q1_15 Datasheet
1Mb / 29P
DUAL 4-A HIGH-SPEED LOW-SIDE MOSFET DRIVERS WITH ENABLE
logo
ON Semiconductor
NCV81071 ONSEMI-NCV81071 Datasheet
224Kb / 12P
Dual 5 A High Speed Low-Side MOSFET Drivers with Enable
August, 2017 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com