Electronic Components Datasheet Search
  English  ▼

X  

MCP14E4TESN Datasheet(PDF) 13 Page - Microchip Technology

Part # MCP14E4TESN
Description  4.0A Dual High-Speed Power MOSFET Drivers With Enable
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP14E4TESN Datasheet(HTML) 13 Page - Microchip Technology

Back Button MCP14E4TESN Datasheet HTML 9Page - Microchip Technology MCP14E4TESN Datasheet HTML 10Page - Microchip Technology MCP14E4TESN Datasheet HTML 11Page - Microchip Technology MCP14E4TESN Datasheet HTML 12Page - Microchip Technology MCP14E4TESN Datasheet HTML 13Page - Microchip Technology MCP14E4TESN Datasheet HTML 14Page - Microchip Technology MCP14E4TESN Datasheet HTML 15Page - Microchip Technology MCP14E4TESN Datasheet HTML 16Page - Microchip Technology MCP14E4TESN Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
© 2008 Microchip Technology Inc.
DS22062B-page 13
MCP14E3/MCP14E4/MCP14E5
FIGURE 4-3:
Enable Timing Waveform.
4.4
Decoupling Capacitors
Careful layout and decoupling capacitors are highly
recommended when using MOSFET drivers. Large
currents are required to charge and discharge
capacitive loads quickly. For example, 2.5A are needed
to charge a 2200 pF load with 18V in 16 ns.
To operate the MOSFET driver over a wide frequency
range with low supply impedance, a ceramic and low
ESR film capacitor are recommended to be placed in
parallel between the driver VDD and GND. A 1.0 µF low
ESR film capacitor and a 0.1 µF ceramic capacitor
should be used. These capacitors should be placed
close to the driver to minimized circuit board parasitics
and provide a local source for the required current.
4.5
PCB Layout Considerations
Proper PCB layout is important in a high current, fast
switching circuit to provide proper device operation and
robustness of design. PCB trace loop area and
inductance should be minimized by the use of ground
planes or trace under MOSFET gate drive signals,
separate analog and power grounds, and local driver
decoupling.
Placing a ground plane beneath the MCP14E3/
MCP14E4/MCP14E5 will help as a radiated noise
shield as well as providing some heat sinking for power
dissipated within the device.
4.6
Power Dissipation
The total internal power dissipation in a MOSFET driver
is the summation of three separate power dissipation
elements.
EQUATION 4-1:
4.6.1
CAPACITIVE LOAD DISSIPATION
The power dissipation caused by a capacitive load is a
direct function of frequency, total capacitive load, and
supply voltage. The power lost in the MOSFET driver
for a complete charging and discharging cycle of a
MOSFET is:
EQUATION 4-2:
TABLE 4-1:
ENABLE PIN LOGIC
MCP14E3
MCP14E4
MCP14E5
ENB_A
ENB_B
IN A
IN B
OUT A
OUT B
OUT A
OUT B
OUT A
OUT B
HHHH
L
L
HH
L
H
HHH
L
L
HH
L
L
L
HH
L
H
H
L
L
HHH
HH
L
L
HH
L
L
H
L
LL
X
X
LLLLL
L
5V
0V
ENB_x
VDD
0V
OUT x
VEN_H
VEN_L
90%
10%
tD3
tD4
P
T
P
L
P
Q
P
CC
++
=
Where:
PT
=
Total power dissipation
PL
=
Load power dissipation
PQ
=
Quiescent power dissipation
PCC
=
Operating power dissipation
P
L
fC
T
×
V
DD
2
×
=
Where:
f
=
Switching frequency
CT
=
Total load capacitance
VDD
=
MOSFET driver supply voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com