Electronic Components Datasheet Search
  English  ▼

X  

EP3SL150 Datasheet(PDF) 57 Page - Altera Corporation

Part # EP3SL150
Description  Stratix III Device Handbook
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP3SL150 Datasheet(HTML) 57 Page - Altera Corporation

Back Button EP3SL150 Datasheet HTML 53Page - Altera Corporation EP3SL150 Datasheet HTML 54Page - Altera Corporation EP3SL150 Datasheet HTML 55Page - Altera Corporation EP3SL150 Datasheet HTML 56Page - Altera Corporation EP3SL150 Datasheet HTML 57Page - Altera Corporation EP3SL150 Datasheet HTML 58Page - Altera Corporation EP3SL150 Datasheet HTML 59Page - Altera Corporation EP3SL150 Datasheet HTML 60Page - Altera Corporation EP3SL150 Datasheet HTML 61Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 341 page
background image
Chapter 1: Stratix III Device Datasheet: DC and Switching Characteristics
1–47
I/O Timing
© July 2010
Altera Corporation
Stratix III Device Handbook, Volume 2
1.2 V
2mA
GCLK
t
co
3.221
3.209
4.636
5.065
5.608
5.490
5.692
5.065
5.608
5.490
5.692
ns
GCLK
PLL
tco
3.577
3.577
5.159
5.627
6.218
6.075
6.342
5.627
6.218
6.075
6.342
ns
4mA
GCLK
t
co
3.098
3.086
4.411
4.803
5.322
5.204
5.406
4.803
5.322
5.204
5.406
ns
GCLK
PLL
t
co
3.454
3.454
4.933
5.365
5.932
5.789
6.056
5.365
5.932
5.789
6.056
ns
6mA
GCLK
t
co
3.060
3.048
4.318
4.714
5.209
5.091
5.293
4.714
5.209
5.091
5.293
ns
GCLK
PLL
t
co
3.416
3.416
4.841
5.276
5.819
5.676
5.943
5.276
5.819
5.676
5.943
ns
8mA
GCLK
t
co
3.013
3.001
4.290
4.665
5.153
5.035
5.237
4.665
5.153
5.035
5.237
ns
GCLK
PLL
t
co
3.369
3.369
4.813
5.227
5.763
5.620
5.887
5.227
5.763
5.620
5.887
ns
SSTL-2
CLASS I
8mA
GCLK
t
co
3.013
3.001
4.247
4.612
5.084
4.966
5.168
4.612
5.084
4.966
5.168
ns
GCLK
PLL
t
co
3.369
3.369
4.770
5.174
5.694
5.551
5.818
5.174
5.694
5.551
5.818
ns
10mA
GCLK
tco
3.010
2.998
4.244
4.609
5.080
4.962
5.164
4.609
5.080
4.962
5.164
ns
GCLK
PLL
t
co
3.366
3.366
4.767
5.171
5.690
5.547
5.814
5.171
5.690
5.547
5.814
ns
12mA
GCLK
tco
3.008
2.996
4.244
4.610
5.081
4.963
5.165
4.610
5.081
4.963
5.165
ns
GCLK
PLL
t
co
3.364
3.364
4.767
5.172
5.691
5.548
5.815
5.172
5.691
5.548
5.815
ns
SSTL-2
CLASS II
16mA
GCLK
t
co
2.999
2.987
4.230
4.594
5.066
4.948
5.150
4.594
5.066
4.948
5.150
ns
GCLK
PLL
t
co
3.355
3.355
4.752
5.156
5.676
5.533
5.800
5.156
5.676
5.533
5.800
ns
SSTL-18
CLASS I
4mA
GCLK
t
co
3.020
3.008
4.259
4.626
5.100
4.982
5.184
4.626
5.100
4.982
5.184
ns
GCLK
PLL
t
co
3.376
3.376
4.782
5.188
5.710
5.567
5.834
5.188
5.710
5.567
5.834
ns
6mA
GCLK
t
co
3.016
3.004
4.257
4.624
5.098
4.980
5.182
4.624
5.098
4.980
5.182
ns
GCLK
PLL
t
co
3.372
3.372
4.780
5.186
5.708
5.565
5.832
5.186
5.708
5.565
5.832
ns
8mA
GCLK
t
co
3.005
2.993
4.247
4.615
5.089
4.971
5.173
4.615
5.089
4.971
5.173
ns
GCLK
PLL
tco
3.361
3.361
4.770
5.177
5.699
5.556
5.823
5.177
5.699
5.556
5.823
ns
10mA
GCLK
t
co
2.994
2.982
4.235
4.602
5.076
4.958
5.160
4.602
5.076
4.958
5.160
ns
GCLK
PLL
tco
3.350
3.350
4.757
5.164
5.686
5.543
5.810
5.164
5.686
5.543
5.810
ns
12mA
GCLK
t
co
2.994
2.982
4.234
4.602
5.076
4.958
5.160
4.602
5.076
4.958
5.160
ns
GCLK
PLL
t
co
3.350
3.350
4.757
5.164
5.686
5.543
5.810
5.164
5.686
5.543
5.810
ns
Table 1–43. EP3SL50 Column Pins output Timing Parameters (Part 4 of 7)
I/O
Standard
Clock
Fast Model
C2
C3
C4
C4L
I3
I4
I4L
Units
Industrial Commercial
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com