| Electronic Components Datasheet Search |
|
EP3SL150 Datasheet(PDF) 33 Page - Altera Corporation |
|
|
|||||||||||||||||||||||||||||
EP3SL150 Datasheet(HTML) 33 Page - Altera Corporation |
|
33 / 341 page ![]() Chapter 1: Stratix III Device Datasheet: DC and Switching Characteristics 1–23 Switching Characteristics © July 2010 Altera Corporation Stratix III Device Handbook, Volume 2 Table 1–26 lists the DPA lock time specifications for Stratix III devices. Non DPA Mode Sampling Window — — — 300 — — 300 — — 300 — — 300 ps Notes to Table 1–25: (1) When J = 3 to 10, the SERDES block is used. (2) When J = 1 or 2, the SERDES block is bypassed. (3) Clock Boost Factor (W) is the ratio between the input data rate to the input clock rate. (4) The minimum and maximum specification depends on the clock source (for example, the PLL and clock pin) and the clock routing resource (global, regional, or local) used. The I/O differential buffer and input register do not have a minimum toggle rate. (5) The t xJitter specification is for the true LVDS I/O standard only. (6) You can estimate the achievable maximum data rate for non-DPA mode by performing link timing closure analysis. Consider the board skew margin, transmitter delay margin, as well as the receiver sampling margin to determine the maximum data rate supported. (7) This is achieved by using the LVDS and DPA clock network. (8) If the receiver (with DPA enabled) and the transmitter are using shared PLLs, the minimum data rate is 150 Mbps. (9) This is only applied to DPA and Soft-CDR modes. Table 1–25. True and Emulated LVDS Specifications for Stratix III Devices (Note 1), (2) (Part 3 of 3) Symbol Conditions C2 C3, I3 C4, I4 C4L, I4L Table 1–26. DPA Lock Time Specifications for Stratix III Devices (Note 1), (2), (3) (Part 1 of 2) Standard Training Pattern Number of Data Transitions in one Repetition of Training Pattern Number of repetitions per 256 Data Transition (4) Condition (5) Min Typ Max SPI-4 0000000000 1111111111 2128 without DPA PLL calibration 256 data transitions — — with DPA PLL calibration 3×256 data transitions + 2×96 slow clock cycles (6) —— Parallel Rapid I/O 00001111 2 128 without DPA PLL calibration 256 data transitions — — with DPA PLL calibration 3×256 data transitions + 2×96 slow clock cycles (6) —— 10010000 4 64 without DPA PLL calibration 256 data transitions — — with DPA PLL calibration 3×256 data transitions + 2×96 slow clock cycles (6) —— |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |