Electronic Components Datasheet Search
  English  ▼

X  

QFN-40 Datasheet(PDF) 11 Page - Silicon Laboratories

Part # QFN-40
Description  Low-power sleep mode On-hook transmission Loop or ground start operation Smooth polarity reversal
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

QFN-40 Datasheet(HTML) 11 Page - Silicon Laboratories

Back Button QFN-40 Datasheet HTML 7Page - Silicon Laboratories QFN-40 Datasheet HTML 8Page - Silicon Laboratories QFN-40 Datasheet HTML 9Page - Silicon Laboratories QFN-40 Datasheet HTML 10Page - Silicon Laboratories QFN-40 Datasheet HTML 11Page - Silicon Laboratories QFN-40 Datasheet HTML 12Page - Silicon Laboratories QFN-40 Datasheet HTML 13Page - Silicon Laboratories QFN-40 Datasheet HTML 14Page - Silicon Laboratories QFN-40 Datasheet HTML 15Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 38 page
background image
Si3226/7
Si3208/9
Preliminary Rev. 0.33
11
Figure 1. SPI Timing Diagram
Table 10. Switching Characteristics—SPI
(VDDA = 3.13 to 5.25 V, TA = 0 to 70 °C for F-Grade, –40 to 85 °C for G-Grade, CL =20pF)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Cycle Time SCLK
tc
62
—
—
ns
Rise Time, SCLK
tr
—
—
25
ns
Fall Time, SCLK
tf
—
—
25
ns
Delay Time, SCLK Fall to SDO Active
td1
—
—
20
ns
Delay Time, SCLK Fall to SDO
Transition
td2
—
—
20
ns
Delay Time, CS Rise to SDO Tri-state
td3
—
—
20
ns
Setup Time, CS to SCLK Fall
tsu1
25
—
—
ns
Hold Time, CS to SCLK Rise
th1
20
—
—
ns
Setup Time, SDI to SCLK Rise
tsu2
25
—
—
ns
Hold Time, SDI to SCLK Rise
th2
20
—
—
ns
Delay Time between Chip Selects
tcs
220
—
—
ns
SDI to SDITHRU Propagation Delay
td4
—
4
10
ns
Note: All timing is referenced to the 50% level of the waveform. Input test levels are VIH =VDDD –0.4 V, VIL =0.4 V
SCLK
CS
SDI
th1
td3
SDO
td1
td2
tsu1
tr
tf
tsu2
th2
tcs
tc
SDITHRU
td4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com