Electronic Components Datasheet Search
  English  ▼

X  

QFN-40 Datasheet(PDF) 13 Page - Silicon Laboratories

Part # QFN-40
Description  Low-power sleep mode On-hook transmission Loop or ground start operation Smooth polarity reversal
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

QFN-40 Datasheet(HTML) 13 Page - Silicon Laboratories

Back Button QFN-40 Datasheet HTML 9Page - Silicon Laboratories QFN-40 Datasheet HTML 10Page - Silicon Laboratories QFN-40 Datasheet HTML 11Page - Silicon Laboratories QFN-40 Datasheet HTML 12Page - Silicon Laboratories QFN-40 Datasheet HTML 13Page - Silicon Laboratories QFN-40 Datasheet HTML 14Page - Silicon Laboratories QFN-40 Datasheet HTML 15Page - Silicon Laboratories QFN-40 Datasheet HTML 16Page - Silicon Laboratories QFN-40 Datasheet HTML 17Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 38 page
background image
Si3226/7
Si3208/9
Preliminary Rev. 0.33
13
Figure 2. PCM Highway Interface Timing Diagram
Table 12. Switching Characteristics—GCI Highway Serial Interface
(VDD = 3.13 to 5.25 V, TA = 0 to 70 °C for F-Grade, –40 to 85 °C for G-Grade)
Parameter1
Symbol
Test
Conditions
Min
Typ
Max
Units
PCLK Period (2.048 MHz PCLK Mode)
tp
—488
—
ns
PCLK Period (4.096 MHz PCLK Mode)
tp
—244
—
ns
FSYNC Period2
tfs
—125
—
µs
PCLK Duty Cycle Tolerance
tdty
40
50
60
%
FSYNC Jitter Tolerance
tjitter
—
—
±120
ns
Rise Time, PCLK
tr
—
—
25
ns
Fall Time, PCLK
tf
—
—
25
ns
Delay Time, PCLK Rise to DTX Active
td1
—
—
20
ns
Delay Time, PCLK Rise to DTX Transition
td2
—
—
20
ns
Delay Time, PCLK Rise to DTX Tristate3
td3
—
—
20
ns
Setup Time, FSYNC Rise to PCLK Fall
tsu1
25
—
—
ns
Hold Time, PCLK Fall to FSYNC Fall
th1
20
—
—
ns
Setup Time, DRX Transition to PCLK Fall
tsu2
25
—
—
ns
Hold Time, PCLK Falling to DRX Transition
th2
20
—
—
ns
FSYNC Pulse Width
twfs
tp/2
—
—
ns
Notes:
1. All timing is referenced to the 50% level of the waveform. Input test levels are VIH =VO – 0.4 V and VIL =0.4 V.
Rise and fall times are referenced to the 20% and 80% levels of the waveform.
2. FSYNC source is assumed to be 8 kHz under all operating conditions.
3. Specification applies to PCLK fall to DTX tristate when that mode is selected.
PCLK
DRX
FSYNC
DTX
t
d1
t
d2
t
su 2
t
h2
t
d3
t
r
t
p
t
su 1
t
h1
t
f
t
fs
t
wf s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com