Electronic Components Datasheet Search
  English  ▼

X  

CC2541 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # CC2541
Description  2.4-GHz Bluetooth??low energy and Proprietary System-on-Chip
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2541 Datasheet(HTML) 11 Page - Texas Instruments

Back Button CC2541 Datasheet HTML 7Page - Texas Instruments CC2541 Datasheet HTML 8Page - Texas Instruments CC2541 Datasheet HTML 9Page - Texas Instruments CC2541 Datasheet HTML 10Page - Texas Instruments CC2541 Datasheet HTML 11Page - Texas Instruments CC2541 Datasheet HTML 12Page - Texas Instruments CC2541 Datasheet HTML 13Page - Texas Instruments CC2541 Datasheet HTML 14Page - Texas Instruments CC2541 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
CC2541
www.ti.com
SWRS110D – JANUARY 2012 – REVISED JUNE 2013
ADC CHARACTERISTICS
TA = 25°C and VDD = 3 V
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Input voltage
VDD is voltage on AVDD5 pin
0
VDD
V
External reference voltage
VDD is voltage on AVDD5 pin
0
VDD
V
External reference voltage differential VDD is voltage on AVDD5 pin
0
VDD
V
Input resistance, signal
Simulated using 4-MHz clock speed
197
k
Ω
Full-scale signal(1)
Peak-to-peak, defines 0 dBFS
2.97
V
Single-ended input, 7-bit setting
5.7
Single-ended input, 9-bit setting
7.5
Single-ended input, 10-bit setting
9.3
Single-ended input, 12-bit setting
10.3
Differential input, 7-bit setting
6.5
ENOB(1)
Effective number of bits
bits
Differential input, 9-bit setting
8.3
Differential input, 10-bit setting
10
Differential input, 12-bit setting
11.5
10-bit setting, clocked by RCOSC
9.7
12-bit setting, clocked by RCOSC
10.9
Useful power bandwidth
7-bit setting, both single and differential
0–20
kHz
Single ended input, 12-bit setting, –6 dBFS(1)
–75.2
THD
Total harmonic distortion
dB
Differential input, 12-bit setting, –6 dBFS(1)
–86.6
Single-ended input, 12-bit setting(1)
70.2
Differential input, 12-bit setting(1)
79.3
Signal to nonharmonic ratio
dB
Single-ended input, 12-bit setting, –6 dBFS(1)
78.8
Differential input, 12-bit setting, –6 dBFS(1)
88.9
Differential input, 12-bit setting, 1-kHz sine
CMRR
Common-mode rejection ratio
>84
dB
(0 dBFS), limited by ADC resolution
Single ended input, 12-bit setting, 1-kHz sine
Crosstalk
>84
dB
(0 dBFS), limited by ADC resolution
Offset
Midscale
–3
mV
Gain error
0.68%
12-bit setting, mean(1)
0.05
DNL
Differential nonlinearity
LSB
12-bit setting, maximum(1)
0.9
12-bit setting, mean(1)
4.6
12-bit setting, maximum(1)
13.3
INL
Integral nonlinearity
LSB
12-bit setting, mean, clocked by RCOSC
10
12-bit setting, max, clocked by RCOSC
29
Single ended input, 7-bit setting(1)
35.4
Single ended input, 9-bit setting(1)
46.8
Single ended input, 10-bit setting(1)
57.5
Single ended input, 12-bit setting(1)
66.6
SINAD
Signal-to-noise-and-distortion
dB
(–THD+N)
Differential input, 7-bit setting(1)
40.7
Differential input, 9-bit setting(1)
51.6
Differential input, 10-bit setting(1)
61.8
Differential input, 12-bit setting(1)
70.8
7-bit setting
20
9-bit setting
36
Conversion time
μs
10-bit setting
68
12-bit setting
132
(1)
Measured with 300-Hz sine-wave input and VDD as reference.
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: CC2541



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com