Electronic Components Datasheet Search
  English  ▼

X  

P16V8AS Datasheet(PDF) 1 Page - ATMEL Corporation

Part # P16V8AS
Description  Industry-standard architecture Emulates Many 20-pin PALs Low-cost, easy to use software tools
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

P16V8AS Datasheet(HTML) 1 Page - ATMEL Corporation

  P16V8AS Datasheet HTML 1Page - ATMEL Corporation P16V8AS Datasheet HTML 2Page - ATMEL Corporation P16V8AS Datasheet HTML 3Page - ATMEL Corporation P16V8AS Datasheet HTML 4Page - ATMEL Corporation P16V8AS Datasheet HTML 5Page - ATMEL Corporation P16V8AS Datasheet HTML 6Page - ATMEL Corporation P16V8AS Datasheet HTML 7Page - ATMEL Corporation P16V8AS Datasheet HTML 8Page - ATMEL Corporation P16V8AS Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
Features
• Industry-standard architecture
– Emulates Many 20-pin PALs
®
– Low-cost, easy to use software tools
• High speed electrically-erasable programmable logic devices (EE PLD)
– 5ns maximum pin-to-pin delay
• Low power, 100μA pin controlled power-down mode option
• CMOS and TTL compatible inputs and outputs
– I/O pin keeper circuits
• Advanced flash technology
– Reprogrammable
– 100% tested
• High reliability CMOS process
– 20 year data retention
– 100 erase/write cycles
–2,000V ESD protection
– 200mA latchup immunity
• Commercial and industrial temperature ranges
• Dual-in-line and surface mount packages in standard pinouts
• PCI compliant
• Green (ROHS compliant) package options available
Description
The Atmel
® ATF16V8C is a high performance EECMOS programmable logic device (PLD)
that utilizes the Atmel proven electrically-erasable (EE) Flash memory technology. Offered
options include speeds down to 5ns and a 100μA pin-controlled power-down mode. All
speed ranges are specified over the full 5V ± 10% range for industrial temperature ranges,
and 5V ± 5% for commercial range 5V devices.
The ATF16V8C incorporates a superset of the generic architectures, which allows direct
replacement of the 16R8 family and most 20-pin combinatorial PLDs. Eight outputs are
each allocated eight product terms. Three different modes of operation are configured auto-
matically with software, and allow highly complex logic functions to be realized.
The ATF16V8C can significantly reduce total system power, thereby enhancing system reli-
ability and reducing power supply costs. When pin 4 is configured as the power-down
control pin, supply current drops to less than 100μA whenever the pin is high. If the power-
down feature isn't required for a particular application, pin 4 may be used as a logic input.
Also, the pin-keeper circuits eliminate the need for internal pull-up resistors along with their
attendant power consumption.
High Performance
Electrically-erasable
Programmable
Logic Devices
Atmel ATF16V8C
0425H–PLD–3/11


Similar Part No. - P16V8AS

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
P16V8AS ATMEL-P16V8AS Datasheet
641Kb / 26P
Industry-standard Architecture Emulates Mary 20-pin PAL
More results

Similar Description - P16V8AS

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATF16V8B ATMEL-ATF16V8B Datasheet
641Kb / 26P
Industry-standard Architecture Emulates Mary 20-pin PAL
ATF16LV8C ATMEL-ATF16LV8C_14 Datasheet
224Kb / 15P
Industry-standard Architecture
ATF16V8CZ ATMEL-ATF16V8CZ_14 Datasheet
596Kb / 26P
Industry-standard Architecture
ATF20V8B ATMEL-ATF20V8B_14 Datasheet
668Kb / 22P
Industry-standard Architecture
ATF20V8BQ ATMEL-ATF20V8BQ_14 Datasheet
668Kb / 22P
Industry-standard Architecture
ATF20V8BQL ATMEL-ATF20V8BQL_14 Datasheet
668Kb / 22P
Industry-standard Architecture
ATF22V10B ATMEL-ATF22V10B_14 Datasheet
628Kb / 16P
Industry Standard Architecture
ATF22V10CQ ATMEL-ATF22V10CQ_14 Datasheet
1Mb / 22P
Industry-standard Architecture
ATF22V10CQZ ATMEL-ATF22V10CQZ_14 Datasheet
1Mb / 19P
Industry-standard Architecture
logo
Maxim Integrated Produc...
MAX16065EVKIT MAXIM-MAX16065EVKIT Datasheet
2Mb / 22P
Easy-to-Use GUI Software
Rev 0; 5/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com