Electronic Components Datasheet Search
  English  ▼

X  

P16V8AS Datasheet(PDF) 3 Page - ATMEL Corporation

Part # P16V8AS
Description  Industry-standard architecture Emulates Many 20-pin PALs Low-cost, easy to use software tools
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

P16V8AS Datasheet(HTML) 3 Page - ATMEL Corporation

  P16V8AS Datasheet HTML 1Page - ATMEL Corporation P16V8AS Datasheet HTML 2Page - ATMEL Corporation P16V8AS Datasheet HTML 3Page - ATMEL Corporation P16V8AS Datasheet HTML 4Page - ATMEL Corporation P16V8AS Datasheet HTML 5Page - ATMEL Corporation P16V8AS Datasheet HTML 6Page - ATMEL Corporation P16V8AS Datasheet HTML 7Page - ATMEL Corporation P16V8AS Datasheet HTML 8Page - ATMEL Corporation P16V8AS Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
3
0425H–PLD–3/11
Atmel ATF16V8C
1.
Absolute maximum ratings*
2.
DC and AC characteristics
Table 2-1.
DC and AC operating conditions
Note:
1. All I
CC parameters measured with outputs open
Temperature under bias . . . . . . . . . . . . . . . . . . . . . . . . -40
C to +85C
*NOTICE:
Stresses beyond those listed under “Absolute
maximum ratings” may cause permanent damage to
the device. This is a stress rating only, and functional
operation of the device at these or any other conditions
beyond those indicated in the operational sections of
this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may
affect device reliability.
Note:
1. Minimum voltage is -0.6V DC, which may undershoot
to -2.0V for pulses of less than 20ns. Maximum out-
put pin voltage is V
CC + 0.75V DC, which may
overshoot to 7.0V for pulses of less than 20ns.
Storage temperature . . . . . . . . . . . . . . . . . . . . . . . . . .-65
C to +150C
Voltage on any pin with respect to ground . . . . . -2.0V to +7.0V
(1)
Voltage on input pins with respect to ground
during programming . . . . . . . . . . . . . . . . . . . . . . . . -2.0V to +14.0V
(1)
Programming voltage with
respect to ground . . . . . . . . . . . . . . . . . . . . . . . . . . . -2.0V to +14.0V
(1)
Commercial
Industrial
Operating temperature (Ambient)
0
C - 70C-40C - 85C
V
CC power supply
5V ± 5%
5V ± 10%
Table 2-2.
DC characteristics
Symbol
Parameter
Condition
Min
Typ
Max
Units
I
IL
Input or I/O low leakage current
0
 V
IN  VIL (Max)
-10.0
μA
I
IH
Input or I/O high leakage current
3.5
 V
IN  VCC
10.0
μA
I
CC1
(1)
Power supply current, standby
15MHz, V
CC = Max,
V
IN = 0, VCC, outputs open
Com.
115
mA
Ind.
130
mA
I
PD
Power supply current,
Power-down mode
V
CC = Max, VIN = 0, VCC
Com.
10
100
μA
Ind.
10
105
μA
I
OS
Output short circuit current
V
OUT = 0.5V;
V
CC = 5V; TA = 25°C
-150
mA
V
IL
Input low voltage
Min < V
CC < Max
-0.5
0.8
V
V
IH
Input high voltage
2.0
V
CC + 1
V
V
OL
Output low voltage
V
CC = Min; All outputs
I
OL = 24mA
Com., Ind.
0.5
V
V
OH
Output high voltage
V
CC = Min
I
OL = -4.0mA
2.4
V
I
OL
Output low current
V
CC = Min
Com.
24.0
mA
Ind.
12.0
mA
I
OH
Output high current
V
CC = Min
Com., Ind.
-4.0
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com