Electronic Components Datasheet Search
  English  ▼

X  

LM2736X Datasheet(PDF) 5 Page - Texas Instruments

Part # LM2736X
Description  LM2736 Thin SOT 750mA Load Step-Down DC-DC Regulator
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2736X Datasheet(HTML) 5 Page - Texas Instruments

  LM2736X Datasheet HTML 1Page - Texas Instruments LM2736X Datasheet HTML 2Page - Texas Instruments LM2736X Datasheet HTML 3Page - Texas Instruments LM2736X Datasheet HTML 4Page - Texas Instruments LM2736X Datasheet HTML 5Page - Texas Instruments LM2736X Datasheet HTML 6Page - Texas Instruments LM2736X Datasheet HTML 7Page - Texas Instruments LM2736X Datasheet HTML 8Page - Texas Instruments LM2736X Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
LM2736
www.ti.com
SNVS316F – SEPTEMBER 2004 – REVISED APRIL 2013
Typical Performance Characteristics (continued)
All curves taken at VIN = 5V, VBOOST - VSW = 5V, L1 = 4.7 µH ("X"), L1 = 10 µH ("Y"), and TA = 25°C, unless specified
otherwise.
Oscillator Frequency vs Temperature - "X"
Oscillator Frequency vs Temperature - "Y"
Figure 9.
Figure 10.
Current Limit vs Temperature VIN = 18V, VIN = 5V
VFB vs Temperature
Figure 11.
Figure 12.
RDSON vs Temperature
IQ Switching vs Temperature
Figure 13.
Figure 14.
Copyright © 2004–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM2736



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com