Electronic Components Datasheet Search
  English  ▼

X  

LM2736X Datasheet(PDF) 2 Page - Texas Instruments

Part # LM2736X
Description  LM2736 Thin SOT 750mA Load Step-Down DC-DC Regulator
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2736X Datasheet(HTML) 2 Page - Texas Instruments

  LM2736X Datasheet HTML 1Page - Texas Instruments LM2736X Datasheet HTML 2Page - Texas Instruments LM2736X Datasheet HTML 3Page - Texas Instruments LM2736X Datasheet HTML 4Page - Texas Instruments LM2736X Datasheet HTML 5Page - Texas Instruments LM2736X Datasheet HTML 6Page - Texas Instruments LM2736X Datasheet HTML 7Page - Texas Instruments LM2736X Datasheet HTML 8Page - Texas Instruments LM2736X Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 31 page
background image
1
2
3
6
5
4
BOOST
GND
FB
SW
VIN
EN
1
2
3
6
5
4
LM2736
SNVS316F – SEPTEMBER 2004 – REVISED APRIL 2013
www.ti.com
Connection Diagram
Figure 1. 6-Lead SOT
Figure 2. Pin 1 Indentification
See Package Number DDC (R-PDSO-G6)
PIN DESCRIPTIONS
Pin
Name
Function
1
BOOST
Boost voltage that drives the internal NMOS control switch. A bootstrap capacitor is connected between the
BOOST and SW pins.
2
GND
Signal and Power ground pin. Place the bottom resistor of the feedback network as close as possible to this pin
for accurate regulation.
3
FB
Feedback pin. Connect FB to the external resistor divider to set output voltage.
4
EN
Enable control input. Logic high enables operation. Do not allow this pin to float or be greater than VIN + 0.3V.
5
VIN
Input supply voltage. Connect a bypass capacitor to this pin.
6
SW
Output switch. Connects to the inductor, catch diode, and bootstrap capacitor.
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1)
VIN
-0.5V to 22V
SW Voltage
-0.5V to 22V
Boost Voltage
-0.5V to 28V
Boost to SW Voltage
-0.5V to 6.0V
FB Voltage
-0.5V to 3.0V
EN Voltage
-0.5V to (VIN + 0.3V)
Junction Temperature
150°C
ESD Susceptibility(2)
2kV
Storage Temp. Range
-65°C to 150°C
Infrared/Convection Reflow (15sec)
220°C
Soldering Information
Wave Soldering Lead Temp. (10sec)
260°C
(1)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/ Distributors for availability and
specifications.
(2)
Human body model, 1.5k
Ω in series with 100pF.
2
Submit Documentation Feedback
Copyright © 2004–2013, Texas Instruments Incorporated
Product Folder Links: LM2736



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com