Electronic Components Datasheet Search
  English  ▼

X  

16V8B Datasheet(PDF) 3 Page - ATMEL Corporation

Part # 16V8B
Description  Industry-standard Architecture Emulates Mary 20-pin PAL
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

16V8B Datasheet(HTML) 3 Page - ATMEL Corporation

  16V8B Datasheet HTML 1Page - ATMEL Corporation 16V8B Datasheet HTML 2Page - ATMEL Corporation 16V8B Datasheet HTML 3Page - ATMEL Corporation 16V8B Datasheet HTML 4Page - ATMEL Corporation 16V8B Datasheet HTML 5Page - ATMEL Corporation 16V8B Datasheet HTML 6Page - ATMEL Corporation 16V8B Datasheet HTML 7Page - ATMEL Corporation 16V8B Datasheet HTML 8Page - ATMEL Corporation 16V8B Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
3
0364J–PLD–7/05
ATF16V8B/BQ/BQL
3.
Absolute Maximum Ratings*
Temperature Under Bias.................................-55oC to +125oC
*NOTICE:
Stresses beyond those listed under “Absolute
Maximum Ratings” may cause permanent dam-
age to the device. This is a stress rating only and
functional operation of the device at these or any
other conditions beyond those indicated in the
operational sections of this specification is not
implied. Exposure to absolute maximum rating
conditions for extended periods may affect device
reliability.
Note:
1. Minimum voltage is -0.6V DC, which may under-
shoot to -2.0V for pulses of less than 20 ns.
Maximum output pin voltage is VCC + 0.75V DC,
which may overshoot to 7.0V for pulses of less
than 20 ns.
Storage Temperature ......................................-65oC to +150oC
Voltage on Any Pin with
Respect to Ground .......................................-2.0 V to +7.0 V(1)
Voltage on Input Pins
with Respect to Ground
During Programming...................................-2.0 V to +14.0 V(1)
Programming Voltage with
Respect to Ground .....................................-2.0 V to +14.0 V(1)
4.
DC and AC Operating Conditions
Commercial
Industrial
Operating Temperature (Ambient)
0oC - 70oC-40oC - 85oC
V
CC Power Supply
5V
± 5%
5V
± 10%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com