Electronic Components Datasheet Search
  English  ▼

X  

16V8B Datasheet(PDF) 6 Page - ATMEL Corporation

Part # 16V8B
Description  Industry-standard Architecture Emulates Mary 20-pin PAL
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

16V8B Datasheet(HTML) 6 Page - ATMEL Corporation

Back Button 16V8B Datasheet HTML 2Page - ATMEL Corporation 16V8B Datasheet HTML 3Page - ATMEL Corporation 16V8B Datasheet HTML 4Page - ATMEL Corporation 16V8B Datasheet HTML 5Page - ATMEL Corporation 16V8B Datasheet HTML 6Page - ATMEL Corporation 16V8B Datasheet HTML 7Page - ATMEL Corporation 16V8B Datasheet HTML 8Page - ATMEL Corporation 16V8B Datasheet HTML 9Page - ATMEL Corporation 16V8B Datasheet HTML 10Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
6
0364J–PLD–7/05
ATF16V8B/BQ/BQL
4.4
Input Test Waveforms
4.4.1
Input Test Waveforms and Measurement Levels
t
R, tF < 5 ns (10% to 90%)
4.4.2
Output Test Loads (Commercial)
C
L includes Test fixture and Probe capacitance
4.5
Pin Capacitance
Note:
1. Typical values for nominal supply voltage. This parameter is only sampled and is not 100%
tested.
Table 4-1.
Pin Capacitance (f = 1 MHz, T = 25°C
(1))
Typ
Max
Units
Conditions
C
IN
58
pF
V
IN = 0V
C
OUT
68
pF
V
OUT = 0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com