Electronic Components Datasheet Search
  English  ▼

X  

LM3485 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # LM3485
Description  Hysteretic PFET Buck Controller
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM3485 Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM3485 Datasheet HTML 3Page - Texas Instruments LM3485 Datasheet HTML 4Page - Texas Instruments LM3485 Datasheet HTML 5Page - Texas Instruments LM3485 Datasheet HTML 6Page - Texas Instruments LM3485 Datasheet HTML 7Page - Texas Instruments LM3485 Datasheet HTML 8Page - Texas Instruments LM3485 Datasheet HTML 9Page - Texas Instruments LM3485 Datasheet HTML 10Page - Texas Instruments LM3485 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
INPUT VOLTAGE (V)
0
50
100
150
200
250
300
4
12
20
28
36
0
50
100
150
200
250
300
@Cff=100p
@no Cff
@no Cff
@Cff=100p
Ripple Voltage
Operating Frequency
0
20
40
60
80
4
12
20
28
36
INPUT VOLTAGE (V)
L=10PH
L=15PH
L=22PH
400
OUTPUT CURRENT LOAD (mA)
12VIN / 3.3VOUT
4.5VIN / 1.242VOUT
12VIN / 1.242VOUT
4.5VIN / 3.3VOUT
12VIN / 5.0VOUT
300
200
100
0
200
0
400
600
800
1000
LM3485
www.ti.com
SNVS178G – JANUARY 2002 – REVISED FEBRUARY 2013
Typical Performance Characteristics (continued)
Unless otherwise specified, TJ = 25°C
Output Ripple Voltage
vs
Operating Frequency vs
Input Voltage
Output Load Current
(VOUT = 3.3V, IOUT = 1A, COUT(ESR) = 80mΩ, Cff = 100pF)
(L = 22µH, COUT(ESR) = 45mΩ, Cff = 100pF)
Feed-Forward Capacitor (Cff) Effect
(VOUT = 3.3V, L = 22µH, IOUT = 500mA)
Copyright © 2002–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM3485



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com