Electronic Components Datasheet Search
  English  ▼

X  

LM3485 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LM3485
Description  Hysteretic PFET Buck Controller
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM3485 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM3485 Datasheet HTML 9Page - Texas Instruments LM3485 Datasheet HTML 10Page - Texas Instruments LM3485 Datasheet HTML 11Page - Texas Instruments LM3485 Datasheet HTML 12Page - Texas Instruments LM3485 Datasheet HTML 13Page - Texas Instruments LM3485 Datasheet HTML 14Page - Texas Instruments LM3485 Datasheet HTML 15Page - Texas Instruments LM3485 Datasheet HTML 16Page - Texas Instruments LM3485 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
IRMS_CIN = IOUT*
(VOUT* (VIN - VOUT))
1/2
VIN
'i
2
3
iout
2 +
IRMS =
VIN - VDS + VD
VOUT + VD
D =
VIN - VDS - VOUT
L =
'i
x
D
f
LM3485
www.ti.com
SNVS178G – JANUARY 2002 – REVISED FEBRUARY 2013
Δi ≤ Iout * 0.386827 * Iout
−0.366726
for Iout > 2.0Amps
Δi ≤ Iout * 0.3
The inductance can be calculated based upon the desired operating frequency where:
(7)
And
(8)
where D is the duty cycle, VD is the diode forward voltage, and VDS is the voltage drop across the PFET.
The inductor should be rated to the following:
Ipk = (Iout+
Δi/2)*1.1
(9)
(10)
The inductance value and the resulting ripple is one of the key parameters controlling operating frequency. The
second is the ESR.
OUTPUT CAPACITOR SELECTION (COUT)
The ESR of the output capacitor times the inductor ripple current is equal to the output ripple of the regulator.
However, the VHYST sets the first order value of this ripple. As ESR is increased with a given inductance, then
operating frequency increases as well. If ESR is reduced then the operating frequency reduces.
The use of ceramic capacitors has become a common desire of many power supply designers. However,
ceramic capacitors have a very low ESR resulting in a 90° phase shift of the output voltage ripple. This results in
low operating frequency and increased output ripple. To fix this problem a low value resistor should be added in
series with the ceramic output capacitor. Although counter intuitive, this combination of a ceramic capacitor and
external series resistance provide highly accurate control over the output voltage ripple. The other types
capacitor, such as Sanyo POS CAP and OS-CON, Panasonic SP CAP, Nichicon "NA" series, are also
recommended and may be used without additional series resistance.
For all practical purposes, any type of output capacitor may be used with proper circuit verification.
INPUT CAPACITOR SELECTION (CIN)
A bypass capacitor is required between the input source and ground. It must be located near the source pin of
the external PFET. The input capacitor prevents large voltage transients at the input and provides the
instantaneous current when the PFET turns on.
The important parameters for the input capacitor are the voltage rating and the RMS current rating. Follow the
manufacturer's recommended voltage derating. For high input voltage application, low ESR electrolytic capacitor,
the Nichicon "UD" series or the Panasonic "FK" series, is available. The RMS current in the input capacitor can
be calculated.
(11)
The input capacitor power dissipation can be calculated as follows.
PD(CIN) = IRMS_CIN
2 * ESR
CIN
(12)
The input capacitor must be able to handle the RMS current and the PD. Several input capacitors may be
connected in parallel to handle large RMS currents. In some cases it may be much cheaper to use multiple
electrolytic capacitors than a single low ESR, high performance capacitor such as OS-CON or Tantalum. The
capacitance value should be selected such that the ripple voltage created by the charge and discharge of the
capacitance is less than 10% of the total ripple across the capacitor.
Copyright © 2002–2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LM3485



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com