Electronic Components Datasheet Search
  English  ▼

X  

LM4562 Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # LM4562
Description  LM4562 Dual High-Performance, High-Fidelity Audio Operational Amplifier
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM4562 Datasheet(HTML) 19 Page - Texas Instruments

Back Button LM4562 Datasheet HTML 15Page - Texas Instruments LM4562 Datasheet HTML 16Page - Texas Instruments LM4562 Datasheet HTML 17Page - Texas Instruments LM4562 Datasheet HTML 18Page - Texas Instruments LM4562 Datasheet HTML 19Page - Texas Instruments LM4562 Datasheet HTML 20Page - Texas Instruments LM4562 Datasheet HTML 21Page - Texas Instruments LM4562 Datasheet HTML 22Page - Texas Instruments LM4562 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 41 page
background image
-120
-60
-40
-20
0
-100
-80
10
200k
100
1k
10k
100k
FREQUENCY (Hz)
-120
-60
-40
-20
0
-100
-80
10
200k
100
1k
10k
100k
FREQUENCY (Hz)
-120
-60
-40
-20
0
-100
-80
10
200k
100
1k
10k
100k
FREQUENCY (Hz)
-120
-60
-40
-20
0
-100
-80
10
200k
100
1k
10k
100k
FREQUENCY (Hz)
FREQUENCY (Hz)
-140
-130
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
20
100
1k
10k
100k 200k
FREQUENCY (Hz)
-140
-130
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
20
100
1k
10k
100k 200k
LM4562
www.ti.com
SNAS326J – AUGUST 2006 – REVISED APRIL 2013
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
PSRR+ vs Frequency
PSRR– vs Frequency
VCC = 2.5V, VEE = –2.5V
VCC = 2.5V, VEE = –2.5V
RL = 600Ω, f = 200kHz, VRIPPLE = 200mVpp
RL = 600Ω, f = 200kHz, VRIPPLE = 200mVpp
Figure 82.
Figure 83.
CMRR vs Frequency
CMRR vs Frequency
VCC = 15V, VEE = –15V
VCC = 12V, VEE = –12V
RL = 2kΩ
RL = 2kΩ
Figure 84.
Figure 85.
CMRR vs Frequency
CMRR vs Frequency
VCC = 17V, VEE = –17V
VCC = 2.5V, VEE = –2.5V
RL = 2kΩ
RL = 2kΩ
Figure 86.
Figure 87.
Copyright © 2006–2013, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Links: LM4562



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com