Electronic Components Datasheet Search
  English  ▼

X  

LM4562 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # LM4562
Description  LM4562 Dual High-Performance, High-Fidelity Audio Operational Amplifier
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM4562 Datasheet(HTML) 21 Page - Texas Instruments

Back Button LM4562 Datasheet HTML 17Page - Texas Instruments LM4562 Datasheet HTML 18Page - Texas Instruments LM4562 Datasheet HTML 19Page - Texas Instruments LM4562 Datasheet HTML 20Page - Texas Instruments LM4562 Datasheet HTML 21Page - Texas Instruments LM4562 Datasheet HTML 22Page - Texas Instruments LM4562 Datasheet HTML 23Page - Texas Instruments LM4562 Datasheet HTML 24Page - Texas Instruments LM4562 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 41 page
background image
500
10k
600
800
2k
5k
LOAD RESISTANCE (:)
11.0
12.0
11.5
12.5
13.0
13.5
10.0
10.5
500
10k
600
800
2k
5k
LOAD RESISTANCE (:)
0.00
0.25
0.50
0.75
1.00
1.25
500
10k
600
800
2k
5k
LOAD RESISTANCE (:)
9.0
10.0
9.5
10.5
11.0
11.5
500
10k
600
800
2k
5k
LOAD RESISTANCE (:)
7.0
8.0
7.5
8.5
9.0
9.5
-120
-60
-40
-20
0
-100
-80
10
200k
100
1k
10k
100k
FREQUENCY (Hz)
-120
-60
-40
-20
0
-100
-80
10
200k
100
1k
10k
100k
FREQUENCY (Hz)
LM4562
www.ti.com
SNAS326J – AUGUST 2006 – REVISED APRIL 2013
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
CMRR vs Frequency
CMRR vs Frequency
VCC = 17V, VEE = –17V
VCC = 2.5V, VEE = –2.5V
RL = 10kΩ
RL = 10kΩ
Figure 94.
Figure 95.
Output Voltage vs Load Resistance
Output Voltage vs Load Resistance
VDD = 15V, VEE = –15V
VDD = 12V, VEE = –12V
THD+N = 1%
THD+N = 1%
Figure 96.
Figure 97.
Output Voltage vs Load Resistance
Output Voltage vs Load Resistance
VDD = 17V, VEE = –17V
VDD = 2.5V, VEE = –2.5V
THD+N = 1%
THD+N = 1%
Figure 98.
Figure 99.
Copyright © 2006–2013, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: LM4562



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com