Electronic Components Datasheet Search
  English  ▼

X  

LM5009 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LM5009
Description  150-mA 100-V Step-Down Switching Regulator
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5009 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM5009 Datasheet HTML 9Page - Texas Instruments LM5009 Datasheet HTML 10Page - Texas Instruments LM5009 Datasheet HTML 11Page - Texas Instruments LM5009 Datasheet HTML 12Page - Texas Instruments LM5009 Datasheet HTML 13Page - Texas Instruments LM5009 Datasheet HTML 14Page - Texas Instruments LM5009 Datasheet HTML 15Page - Texas Instruments LM5009 Datasheet HTML 16Page - Texas Instruments LM5009 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
FB
VIN
SW
RTN
BST
LM5009
8
6
5
3
4
1
2
7
SHUTDOWN
VCC
RCL
RON/SD
12V - 90V
Input
237k
C1
1.0 PF
RON
RCL
169k
R2
1.0k
R1
3.01k
R3
3.0
GND
C2
15 PF
VOUT2
VOUT1
10.0V
L1
150 PH
C3
0.1 PF
C4
0.022 PF
D1
C5
0.1 PF
LM5009
www.ti.com
SNVS402G – FEBRUARY 2006 – REVISED FEBRUARY 2013
FINAL CIRCUIT
The final circuit is shown in Figure 12. The circuit was tested, and the resulting performance is shown in
Figure 13 through Figure 16. For these graphs, the load current was varied from 50mA to 200mA.
MINIMUM LOAD CURRENT
A minimum load current of 1 mA is required to maintain proper operation. If the load current falls below that level,
the bootstrap capacitor may discharge during the long off-time, and the circuit will either shutdown, or cycle on
and off at a low frequency. If the load current is expected to drop below 1 mA in the application, the feedback
resistors should be chosen low enough in value so they provide the minimum required current at nominal Vout.
PC BOARD LAYOUT
The LM5009 regulation and over-voltage comparators are very fast, and as such will respond to short duration
noise pulses. Layout considerations are therefore critical for optimum performance. The components at pins 1, 2,
3, 5, and 6 should be as physically close as possible to the IC, thereby minimizing noise pickup in the PC tracks.
The current loop formed by D1, L1, and C2 should be as small as possible. The ground connection from C2 to
C1 should be as short and direct as possible.
If the internal dissipation of the LM5009 produces excessive junction temperatures during normal operation, good
use of the PC board’s ground plane can help considerably to dissipate heat. The exposed pad on the bottom of
the WSON-8 package can be soldered to a ground plane on the PC board, and that plane should extend out
from beneath the IC to help dissipate the heat. Additionally, the use of wide PC board traces, where possible,
can also help conduct heat away from the IC. Judicious positioning of the PC board within the end product, along
with use of any available air flow (forced or natural convection) can help reduce the junction temperatures.
Figure 12. LM5009 Example Circuit
Copyright © 2006–2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LM5009



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com