Electronic Components Datasheet Search
  English  ▼

X  

LM5009 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LM5009
Description  150-mA 100-V Step-Down Switching Regulator
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5009 Datasheet(HTML) 2 Page - Texas Instruments

  LM5009 Datasheet HTML 1Page - Texas Instruments LM5009 Datasheet HTML 2Page - Texas Instruments LM5009 Datasheet HTML 3Page - Texas Instruments LM5009 Datasheet HTML 4Page - Texas Instruments LM5009 Datasheet HTML 5Page - Texas Instruments LM5009 Datasheet HTML 6Page - Texas Instruments LM5009 Datasheet HTML 7Page - Texas Instruments LM5009 Datasheet HTML 8Page - Texas Instruments LM5009 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
1
2
3
4
5
6
7
8
SW
BST
RCL
FB
RTN
RON/SD
VCC
VIN
LM5009
SNVS402G – FEBRUARY 2006 – REVISED FEBRUARY 2013
www.ti.com
Connection Diagram
Figure 2. 8-Lead VSSOP or WSON
Pin Functions
Table 1. Pin Descriptions
Pin
Name
Description
Application Information
1
SW
Switching output
Power switching output. Connect to the inductor, re-circulating diode, and bootstrap
capacitor.
2
BST
Boost Pin
An external capacitor is required between the BST and the SW pins. A 0.022 µF
ceramic capacitor is recommended. An internal diode charges the capacitor from
VCC.
3
RCL
Current Limit off-time set
A resistor between this pin and RTN sets the off-time when current limit is detected.
pin
The off-time is preset to 35µs if FB = 0V.
4
RTN
Ground pin
Ground for the entire circuit.
5
FB
Feedback input from
This pin is connected to the inverting input of the internal regulation comparator. The
Regulated Output
regulation threshold is 2.5V.
6
RON/SD
On-time set pin
A resistor between this pin and VIN sets the switch on-time as a function of VIN. The
minimum recommended on-time is 250ns at the maximum input voltage. This pin
can be used for remote shutdown.
7
VCC
Output from the internal
If an auxiliary voltage is available to raise the voltage on this pin above the
high voltage startup
regulation set point (7V), the internal series pass regulator will shutdown, reducing
regulator. Regulated at
the IC power dissipation. Do not exceed 14V. This voltage provides gate drive
7.0V.
power for the internal Buck switch. An internal diode is provided between this pin
and the BST pin. A local 0.1µF decoupling capacitor is required.
8
VIN
Input voltage
Recommended operating range: 9.5V to 95V.
EP
Exposed pad
Exposed metal pad on the underside of the device. It is recommended to connect
(WSON package only)
this to the PC board ground plane to aid in heat dissipation.
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1)
VIN to RTN
-0.3V to 100V
BST to RTN
-0.3V to 114V
SW to RTN (Steady State)
-1V
ESD Rating, Human Body Model(2)
2kV
BST to VCC
100V
BST to SW
14V
VCC to RTN
14V
All Other Inputs to RTN
-0.3 to 7V
Storage Temperature Range
-65°C to +150°C
(1)
Absolute Maximum Ratings are limits beyond which damage to the device may occur. Operating Ratings are conditions under which
operation of the device is intended to be functional. For specifications and test conditions, see the Electrical Characteristics.
(2)
The human body model is a 100pF capacitor discharged through a 1.5k
Ω resistor into each pin.
2
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: LM5009



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com