Electronic Components Datasheet Search
  English  ▼

X  

ATMEGA48 Datasheet(PDF) 67 Page - ATMEL Corporation

Part # ATMEGA48
Description  High performance, low power Atmel AVR 8-bit microcontroller Advanced RISC architecture
PDF  377 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA48 Datasheet(HTML) 67 Page - ATMEL Corporation

Back Button ATMEGA48 Datasheet HTML 63Page - ATMEL Corporation ATMEGA48 Datasheet HTML 64Page - ATMEL Corporation ATMEGA48 Datasheet HTML 65Page - ATMEL Corporation ATMEGA48 Datasheet HTML 66Page - ATMEL Corporation ATMEGA48 Datasheet HTML 67Page - ATMEL Corporation ATMEGA48 Datasheet HTML 68Page - ATMEL Corporation ATMEGA48 Datasheet HTML 69Page - ATMEL Corporation ATMEGA48 Datasheet HTML 70Page - ATMEL Corporation ATMEGA48 Datasheet HTML 71Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 377 page
background image
67
2545T–AVR–05/11
ATmega48/88/168
13.2
Register description
13.2.1
EICRA – External interrupt control register A
The external interrupt control register A contains control bits for interrupt sense control.
• Bit 7..4 – Res: Reserved bits
These bits are unused bits in the Atmel ATmega48/88/168, and will always read as zero.
• Bit 3, 2 – ISC11, ISC10: Interrupt sense control 1 bit 1 and bit 0
The external interrupt 1 is activated by the external pin INT1 if the SREG I-flag and the corre-
sponding interrupt mask are set. The level and edges on the external INT1 pin that activate the
interrupt are defined in Table 13-1. The value on the INT1 pin is sampled before detecting
edges. If edge or toggle interrupt is selected, pulses that last longer than one clock period will
generate an interrupt. Shorter pulses are not guaranteed to generate an interrupt. If low level
interrupt is selected, the low level must be held until the completion of the currently executing
instruction to generate an interrupt.
• Bit 1, 0 – ISC01, ISC00: Interrupt sense control 0 bit 1 and bit 0
The external interrupt 0 is activated by the external pin INT0 if the SREG I-flag and the corre-
sponding interrupt mask are set. The level and edges on the external INT0 pin that activate the
interrupt are defined in Table 13-2. The value on the INT0 pin is sampled before detecting
edges. If edge or toggle interrupt is selected, pulses that last longer than one clock period will
generate an interrupt. Shorter pulses are not guaranteed to generate an interrupt. If low level
interrupt is selected, the low level must be held until the completion of the currently executing
instruction to generate an interrupt.
Bit
7
654
32
10
(0x69)
–
–
–
–
ISC11
ISC10
ISC01
ISC00
EICRA
Read/write
R
R
R
R
R/W
R/W
R/W
R/W
Initial value
0
0
0
0
0
0
0
0
Table 13-1.
Interrupt 1 sense control.
ISC11
ISC10
Description
0
0
The low level of INT1 generates an interrupt request
0
1
Any logical change on INT1 generates an interrupt request
1
0
The falling edge of INT1 generates an interrupt request
1
1
The rising edge of INT1 generates an interrupt request
Table 13-2.
Interrupt 0 sense control.
ISC01
ISC00
Description
0
0
The low level of INT0 generates an interrupt request
0
1
Any logical change on INT0 generates an interrupt request
1
0
The falling edge of INT0 generates an interrupt request
1
1
The rising edge of INT0 generates an interrupt request



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com