Electronic Components Datasheet Search
  English  ▼

X  

ATMEGA48 Datasheet(PDF) 1 Page - ATMEL Corporation

Part # ATMEGA48
Description  High performance, low power Atmel AVR 8-bit microcontroller Advanced RISC architecture
PDF  377 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA48 Datasheet(HTML) 1 Page - ATMEL Corporation

  ATMEGA48 Datasheet HTML 1Page - ATMEL Corporation ATMEGA48 Datasheet HTML 2Page - ATMEL Corporation ATMEGA48 Datasheet HTML 3Page - ATMEL Corporation ATMEGA48 Datasheet HTML 4Page - ATMEL Corporation ATMEGA48 Datasheet HTML 5Page - ATMEL Corporation ATMEGA48 Datasheet HTML 6Page - ATMEL Corporation ATMEGA48 Datasheet HTML 7Page - ATMEL Corporation ATMEGA48 Datasheet HTML 8Page - ATMEL Corporation ATMEGA48 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 377 page
background image
Features
• High performance, low power Atmel® AVR® 8-bit microcontroller
• Advanced RISC architecture
– 131 powerful instructions – most single clock cycle execution
– 32 × 8 general purpose working registers
– Fully static operation
– Up to 20 MIPS throughput at 20MHz
– On-chip 2-cycle multiplier
• High endurance non-volatile memory segments
– 4/8/16 Kbytes of in-system self-programmable flash program memory
– 256/512/512 bytes EEPROM
– 512/1K/1Kbytes internal SRAM
– Write/erase cyles: 10,000 flash/100,000 EEPROM
– Data retention: 20 years at 85°C/100 years at 25°C
()
– Optional boot code section with independent lock bits
In-system programming by on-chip boot program
True read-while-write operation
– Programming lock for software security
• QTouch® library support
– Capacitive touch buttons, sliders and wheels
– QTouch and QMatrix acquisition
– Up to 64 sense channels
• Peripheral features
– Two 8-bit timer/counters with separate prescaler and compare mode
– One 16-bit timer/counter with separate prescaler, compare mode, and capture mode
– Real time counter with separate oscillator
– Six PWM channels
– 8-channel 10-bit ADC in TQFP and QFN/MLF package
– 6-channel 10-bit ADC in PDIP Package
– Programmable serial USART
– Master/slave SPI serial interface
– Byte-oriented 2-wire serial interface (Philips I
2C compatible)
– Programmable watchdog timer with separate on-chip oscillator
– On-chip analog comparator
– Interrupt and wake-up on pin change
• Special microcontroller features
– DebugWIRE on-chip debug system
– Power-on reset and programmable brown-out detection
– Internal calibrated oscillator
– External and internal interrupt sources
– Five sleep modes: Idle, ADC noise reduction, power-save, power-down, and standby
• I/O and packages
– 23 programmable I/O lines
– 28-pin PDIP, 32-lead TQFP, 28-pad QFN/MLF and 32-pad QFN/MLF
• Operating voltage:
– 1.8V - 5.5V for Atmel ATmega48V/88V/168V
– 2.7V - 5.5V for Atmel ATmega48/88/168
• Temperature range:
–-40
°C to 85°C
• Speed grade:
– ATmega48V/88V/168V: 0 - 4MHz @ 1.8V - 5.5V, 0 - 10MHz @ 2.7V - 5.5V
– ATmega48/88/168: 0 - 10MHz @ 2.7V - 5.5V, 0 - 20MHz @ 4.5V - 5.5V
• Low power consumption
– Active mode:
250µA at 1MHz, 1.8V
15µA at 32kHz, 1.8V (including oscillator)
– Power-down mode:
0.1µA at 1.8V
Note:
1. See “Data retention” on page 8 for details.
8-bit Atmel
Microcontroller
with 4/8/16K
Bytes In-System
Programmable
Flash
ATmega48/V
ATmega88/V
ATmega168/V
Rev. 2545T–AVR–05/11


Similar Part No. - ATMEGA48

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA48 ATMEL-ATMEGA48 Datasheet
2Mb / 349P
8-bit Microcontroller with 8K Bytes In-System Programmable Flash
ATMEGA48 ATMEL-ATMEGA48 Datasheet
402Kb / 33P
8-bit Microcontroller with 8K Bytes In-System Programmable Flash
ATMEGA48 ATMEL-ATMEGA48 Datasheet
3Mb / 374P
8-bit Microcontroller with 8K Bytes In-System Programmable Flash
ATMEGA48 ATMEL-ATMEGA48 Datasheet
4Mb / 376P
8-bit Microcontroller with 8K Bytes In-System Programmable Flash
ATmega48 ATMEL-ATmega48 Datasheet
5Mb / 340P
8-bit Microcontroller with 8K Bytes In-System Programmable Flash
More results

Similar Description - ATMEGA48

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA8 ATMEL-ATMEGA8_13 Datasheet
6Mb / 331P
High-performance, Low-power Atmel AVR 8-bit Microcontroller Advanced RISC Architecture
ATTINY15L ATMEL-ATTINY15L_07 Datasheet
1Mb / 85P
High-performance, Low-power AVR 8-bit Microcontroller Advanced RISC Architecture
ATA5505 ATMEL-ATA5505 Datasheet
5Mb / 294P
High Performance, Low Power Atmel AVR 8-bit Microcontroller Advanced RISC Architecture
ATMEGA16U4 ATMEL-ATMEGA16U4_10 Datasheet
694Kb / 26P
High Performance, Low Power AVR 8-Bit Microcontroller Advanced RISC Architecture
AT32UC3A0512 ATMEL-AT32UC3A0512_14 Datasheet
1Mb / 98P
High Performance, Low Power 32-Bit Atmel AVR Microcontroller
AT32UC3A3256S ATMEL-AT32UC3A3256S_14 Datasheet
1Mb / 94P
High Performance, Low Power 32-bit Atmel AVR Microcontroller
AT32UC3B0512 ATMEL-AT32UC3B0512_14 Datasheet
1Mb / 107P
High Performance, Low Power 32-Bit Atmel AVR Microcontroller
AT32UC3L064 ATMEL-AT32UC3L064_14 Datasheet
1Mb / 113P
High-performance, Low-power 32-bit Atmel AVR Microcontroller
AT90LS2343 ATMEL-AT90LS2343_14 Datasheet
1Mb / 64P
AVR ??High-performance and Low-power RISC Architecture
ATMEGA103 ATMEL-ATMEGA103_14 Datasheet
2Mb / 4P
AVR ??High-performance and Low-power RISC Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com