Electronic Components Datasheet Search
  English  ▼

X  

LM6142 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LM6142
Description  LM6142/LM6144 17 MHz Rail-to-Rail Input-Output Operational Amplifiers
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM6142 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM6142 Datasheet HTML 9Page - Texas Instruments LM6142 Datasheet HTML 10Page - Texas Instruments LM6142 Datasheet HTML 11Page - Texas Instruments LM6142 Datasheet HTML 12Page - Texas Instruments LM6142 Datasheet HTML 13Page - Texas Instruments LM6142 Datasheet HTML 14Page - Texas Instruments LM6142 Datasheet HTML 15Page - Texas Instruments LM6142 Datasheet HTML 16Page - Texas Instruments LM6142 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
LM6142, LM6144
www.ti.com
SNOS726D – JUNE 2000 – REVISED MARCH 2013
LM6142/LM6144 APPLICATION IDEAS
The LM6142 brings a new level of ease of use to op amp system design.
With greater than rail-to-rail input voltage range concern over exceeding the common-mode voltage range is
eliminated.
Rail-to-rail output swing provides the maximum possible dynamic range at the output. This is particularly
important when operating on low supply voltages.
The high gain-bandwidth with low supply current opens new battery powered applications, where high power
consumption, previously reduced battery life to unacceptable levels.
To take advantage of these features, some ideas should be kept in mind.
ENHANCED SLEW RATE
Unlike most bipolar op amps, the unique phase reversal prevention/speed-up circuit in the input stage causes the
slew rate to be very much a function of the input signal amplitude.
Figure 36 shows how excess input signal, is routed around the input collector-base junctions, directly to the
current mirrors.
The LM6142/LM6144 input stage converts the input voltage change to a current change. This current change
drives the current mirrors through the collectors of Q1–Q2, Q3–Q4 when the input levels are normal.
Figure 36.
If the input signal exceeds the slew rate of the input stage, the differential input voltage rises above two diode
drops. This excess signal bypasses the normal input transistors, (Q1–Q4), and is routed in correct phase through
the two additional transistors, (Q5, Q6), directly into the current mirrors.
This rerouting of excess signal allows the slew-rate to increase by a factor of 10 to 1 or more. (See Figure 37.)
As the overdrive increases, the op amp reacts better than a conventional op amp. Large fast pulses will raise the
slew- rate to around 30V to 60V/
μs.
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LM6142 LM6144



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com