Electronic Components Datasheet Search
  English  ▼

X  

LM6142 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LM6142
Description  LM6142/LM6144 17 MHz Rail-to-Rail Input-Output Operational Amplifiers
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM6142 Datasheet(HTML) 2 Page - Texas Instruments

  LM6142 Datasheet HTML 1Page - Texas Instruments LM6142 Datasheet HTML 2Page - Texas Instruments LM6142 Datasheet HTML 3Page - Texas Instruments LM6142 Datasheet HTML 4Page - Texas Instruments LM6142 Datasheet HTML 5Page - Texas Instruments LM6142 Datasheet HTML 6Page - Texas Instruments LM6142 Datasheet HTML 7Page - Texas Instruments LM6142 Datasheet HTML 8Page - Texas Instruments LM6142 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
LM6142, LM6144
SNOS726D – JUNE 2000 – REVISED MARCH 2013
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1) (2)
ESD Tolerance(3)
2500V
Differential Input Voltage
15V
Voltage at Input/Output Pin
(V+) + 0.3V, (V−)
− 0.3V
Supply Voltage (V+
− V−)
35V
Current at Input Pin
±10mA
Current at Output Pin(4)
±25mA
Current at Power Supply Pin
50mA
Lead Temperature (soldering, 10 sec)
260°C
Storage Temp. Range
−65°C to +150°C
Junction Temperature(5)
150°C
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is intended to be functional, but specific performance is not guaranteed. For guaranteed specifications and the test
conditions, see the Electrical Characteristics.
(2)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/ Distributors for availability and
specifications.
(3)
Human body model, 1.5k
Ω in series with 100pF.
(4)
Applies to both single-supply and split-supply operation. Continuous short circuit operation at elevated ambient temperature can result in
exceeding the maximum allowed junction temperature of 150°C.
(5)
The maximum power dissipation is a function of TJ(MAX), θJA, and TA. The maximum allowable power dissipation at any ambient
temperature is PD = (TJ(MAX) − TA)/θJA. All numbers apply for packages soldered directly into a PC board.
Operating Ratings
(1)
Supply Voltage
1.8V
≤ V+ ≤ 24V
Temperature Range LM6142, LM6144
−40°C ≤ TA ≤ +85°C
Thermal Resistance (
θJA)
P Package, 8-Pin PDIP
115°C/W
D Package, 8-Pin SOIC
193°C/W
NFF Package, 14-Pin PDIP
81°C/W
D Package, 14-Pin SOIC
126°C/W
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is intended to be functional, but specific performance is not guaranteed. For guaranteed specifications and the test
conditions, see the Electrical Characteristics.
5.0V DC Electrical Characteristics
(1)
Unless otherwise specified, all limits guaranteed for TA = 25°C, V
+ = 5.0V, V− = 0V, V
CM = VO = V
+/2 and R
L > 1 MΩ to V
+/2.
Boldface limits apply at the temperature extremes.
Symbol
Parameter
Conditions
Typ(2)
LM6144AI
LM6144BI
Units
LM6142AI
LM6142BI
Limit(3)
Limit(3)
VOS
Input Offset Voltage
0.3
1.0
2.5
mV
2.2
3.3
max
TCVOS
Input Offset Voltage
3
μV/°C
Average Drift
IB
Input Bias Current
170
250
300
nA
max
0V
≤ VCM ≤ 5V
180
280
526
526
(1)
Electrical Table values apply only for factory testing conditions at the temperature indicated. Factory testing conditions result in very
limited self-heating of the device such that TJ = TA. No guarantee of parametric performance is indicated in the electrical tables under
conditions of the internal self heating where TJ > TA.
(2)
Typical values represent the most likely parametric norm.
(3)
All limits are guaranteed by testing or statistical analysis.
2
Submit Documentation Feedback
Copyright © 2000–2013, Texas Instruments Incorporated
Product Folder Links: LM6142 LM6144



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com