Electronic Components Datasheet Search
  English  ▼

X  

ATA5577 Datasheet(PDF) 39 Page - ATMEL Corporation

Part # ATA5577
Description  High Performance, Low Power Atmel AVR 8-bit Microcontroller Advanced RISC Architecture
PDF  294 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA5577 Datasheet(HTML) 39 Page - ATMEL Corporation

Back Button ATA5577 Datasheet HTML 35Page - ATMEL Corporation ATA5577 Datasheet HTML 36Page - ATMEL Corporation ATA5577 Datasheet HTML 37Page - ATMEL Corporation ATA5577 Datasheet HTML 38Page - ATMEL Corporation ATA5577 Datasheet HTML 39Page - ATMEL Corporation ATA5577 Datasheet HTML 40Page - ATMEL Corporation ATA5577 Datasheet HTML 41Page - ATMEL Corporation ATA5577 Datasheet HTML 42Page - ATMEL Corporation ATA5577 Datasheet HTML 43Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 294 page
background image
39
9219A–RFID–01/11
Atmel ATA5505 [Preliminary]
4.3.8
Clock Monitoring
A safe system needs to monitor its clock sources. Two domains need to be monitored:
- Clock sources for peripherals,
- Clocks sources for system clock generation.
In the first domain, the user (code) can easily check the validity of the clock(s) (See “COUT
Command” on page 37.). In the second domain, the lack of a clock results in the code not run-
ning. Thus, the presence of the system clock needs to be monitored by hardware.
Using the on-chip watchdog allows this monitoring. Normally, the watchdog reloading is per-
formed only if the code reaches some specific software labels, reaching these labels proves
that the system clock is running. Otherwise the watchdog reset is enabled. This behavior can
be considered as a clock monitoring.
If the standard watchdog functionality is not desired, the Atmel® AVR® watchdog permits the
system clock to be monitored without having to resort to the complexity of a full software
watchdog handler. The solution proposed in the Atmel AVR is to automate the watchdog
reloading with only one command, at the beginning of the session.
So, to monitor the system clock, the user will have two options:
1.
Using the standard watchdog features (software reload),
2.
Or using the automatic reloading (hardware reload).
The two options are exclusive.
Note:
Warning:
These two options make sense ONLY if the clock source at RESET is an INTERNAL SOURCE.
The fuse settings determine this operation.
Figure 4-6.
Watchdog Timer with Automatic Reloading.
The ‘Enable Watchdog in Automatic Reload Mode’ command has priority over the standard
watchdog enabling. In this mode, only the reset function of the watchdog is enabled (no more
watchdog interrupt). The WDP3..0 bits of the WDTCSR register always determine the watch-
dog timer prescaling.
As the watchdog will not be active before executing the ‘Enable Watchdog in Automatic
Reload Mode’ command, it is recommended to activate this command before switching to an
external clock source (See note on page 39).
Notes:
1. ONLY the reset (watchdog reset included) disables this function. The Watchdog System
Reset Flag (WDRF bit of MCUSR register) can be used to monitor the reset cause.
2. ONLY clock frequencies greater than or equal to (4 * WatchDog Clock Frequency) can be
monitored.
Internal Bus
Register:
WDTCSR
Checker
Reload
Enable
System CLK
Automatic
Reloading
Mode
WatchDog Clock
WD
Interrupt
WD
Reset
WatchDog
01



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com