Electronic Components Datasheet Search
  English  ▼

X  

ATA5577 Datasheet(PDF) 49 Page - ATMEL Corporation

Part # ATA5577
Description  High Performance, Low Power Atmel AVR 8-bit Microcontroller Advanced RISC Architecture
PDF  294 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA5577 Datasheet(HTML) 49 Page - ATMEL Corporation

Back Button ATA5577 Datasheet HTML 45Page - ATMEL Corporation ATA5577 Datasheet HTML 46Page - ATMEL Corporation ATA5577 Datasheet HTML 47Page - ATMEL Corporation ATA5577 Datasheet HTML 48Page - ATMEL Corporation ATA5577 Datasheet HTML 49Page - ATMEL Corporation ATA5577 Datasheet HTML 50Page - ATMEL Corporation ATA5577 Datasheet HTML 51Page - ATMEL Corporation ATA5577 Datasheet HTML 52Page - ATMEL Corporation ATA5577 Datasheet HTML 53Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 294 page
background image
49
9219A–RFID–01/11
Atmel ATA5505 [Preliminary]
5.8
Minimizing Power Consumption
There are several possibilities to consider when trying to minimize the power consumption in
an Atmel
® AVR® controlled system. In general, sleep modes should be used as much as pos-
sible, and the sleep mode should be selected so that as few as possible of the device’s
functions are operating. All functions not needed should be disabled. In particular, the follow-
ing modules may need special consideration when trying to achieve the lowest possible power
consumption.
5.8.1
Analog to Digital Converter
If enabled, the ADC will be enabled in all sleep modes. To save power, the ADC should be dis-
abled before entering any sleep mode. When the ADC is turned off and on again, the next
conversion will be an extended conversion. Refer to Section 18. “ADC – Analog to Digital Con-
verter” on page 202 for details on ADC operation.
5.8.2
Analog Comparator
When entering Idle mode, the Analog Comparator should be disabled if not used. When enter-
ing ADC Noise Reduction mode, the Analog Comparator should be disabled. In other sleep
modes, the Analog Comparator is automatically disabled. However, if the Analog Comparator
is set up to use the Internal Voltage Reference as input, the Analog Comparator should be dis-
abled in all sleep modes. Otherwise, the Internal Voltage Reference will be enabled,
independent of sleep mode. Refer to Section 19. “AnaComp - Analog Comparator” on page
222 for details on how to configure the Analog Comparator.
5.8.3
Brown-out Detector
If the Brown-out Detector is not needed by the application, this module should be turned off. If
the Brown-out Detector is enabled by the BODLEVEL Fuses, it will be enabled in all sleep
modes, and hence, always consume power. In the deeper sleep modes, this will contribute
significantly to the total current consumption. Refer to Section 6.1.5 “Brown-out Detection” on
page 55 for details on how to configure the Brown-out Detector.
5.8.4
Internal Voltage Reference
The Internal Voltage Reference will be enabled when needed by the Brown-out Detection, the
Analog Comparator or the ADC. If these modules are disabled as described in the sections
above, the internal voltage reference will be disabled and it will not be consuming power.
When turned on again, the user must allow the reference to start up before the output is used.
If the reference is kept on in sleep mode, the output can be used immediately. Refer to Section
6.2 “Internal Voltage Reference” on page 57 for details on the start-up time.
Output the internal voltage reference is not needed in the deeper sleep modes. This module
should be turned off to reduce significantly to the total current consumption. Refer to “AMISCR
– Analog Miscellaneous Control Register” on page 201 for details on how to disable the inter-
nal voltage reference output.
5.8.5
Internal Current Source
The Internal Current Source is not needed in the deeper sleep modes. This module should be
turned off to reduce significantly to the total current consumption. Refer to “AMISCR – Analog
Miscellaneous Control Register” on page 201 for details on how to disable the Internal Current
Source.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com