Electronic Components Datasheet Search
  English  ▼

X  

THS4150 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # THS4150
Description  HIGH-SPEED DIFFERENTIAL I/O AMPLIFIERS
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS4150 Datasheet(HTML) 1 Page - Texas Instruments

  THS4150 Datasheet HTML 1Page - Texas Instruments THS4150 Datasheet HTML 2Page - Texas Instruments THS4150 Datasheet HTML 3Page - Texas Instruments THS4150 Datasheet HTML 4Page - Texas Instruments THS4150 Datasheet HTML 5Page - Texas Instruments THS4150 Datasheet HTML 6Page - Texas Instruments THS4150 Datasheet HTML 7Page - Texas Instruments THS4150 Datasheet HTML 8Page - Texas Instruments THS4150 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
1
FEATURES
THS4151
D, DGN, DGK PACKAGES
(TOP VIEW)
1
2
3
4
8
7
6
5
VIN-
VOCM
VCC+
VOUT+
VIN+
NC
VCC-
VOUT-
THS4150
D, DGN, DGK PACKAGES
(TOP VIEW)
SHUTDOWN
NUMBER OF
CHANNELS
DEVICE
THS4150
THS4151
1
1
X
-
HIGH-SPEED DIFFERENTIAL I/O FAMILY
1
2
3
4
8
7
6
5
VIN-
VOCM
VCC+
VOUT+
VIN+
PD
VCC-
VOUT-
Typical A/D Application Circuit
KEY APPLICATIONS
DIGITAL
OUTPUT
VIN
−
+
−
+
DVDD
VOCM
AVSS
AVDD
AIN
AIN
VDD
Vref
5 V
−5 V
DESCRIPTION
−100
−90
−80
−70
−60
−50
−40
100 k
1 M
f − Frequency − Hz
THS4151
TOTAL HARMONIC DISTORTION
vs
FREQUENCY
10 M
100 M
Single Input to
Differential Output
Differential Input to
Differential Output
Gain = 1,
Rf = 390 Ω,
RL = 800 Ω,
VO = 2 Vpp,
VCC = 5 V to ±15 V
THS4150
THS4151
www.ti.com........................................................................................................................................................... SLOS321G – MAY 2000 – REVISED MARCH 2009
HIGH-SPEED DIFFERENTIAL I/O AMPLIFIERS
23
• High Performance
–
150 MHz –3 dB Bandwidth (VCC = ±5 V)
–
650 V/
µs Slew Rate (V
CC = ±15 V)
–
–89 dB Third Harmonic Distortion at 1 MHz
–
–83 dB Total Harmonic Distortion at 1 MHz
–
7.6 nV/
√Hz Input-Referred Noise
• Differential Input/Differential Output
–
Balanced Outputs Reject Common-Mode
Noise
–
Differential Reduced Second Harmonic
Distortion
• Wide Power-Supply Range
–
VCC = 5 V Single-Supply to ±15 V Dual
Supply
• I
CC(SD) = 1 mA (VCC = ±5) in Shutdown Mode
(THS4150)
• Single-Ended to Differential Conversion
• Differential ADC Driver
• Differential Antialiasing
• Differential Transmitter and Receiver
• Output Level Shifter
The THS415x is one in a family of fully differential
input/differential
output
devices
fabricated
using
Texas
Instruments'
state-of-the-art
BiComI
complementary bipolar process.
The THS415x is made of a true fully-differential signal
path from input to output. This design leads to an
excellent
common-mode
noise
rejection
and
improved total harmonic distortion.
RELATED DEVICES
DEVICE
DESCRIPTION
THS412x
100 MHz, 43 V/
µs, 3.7 nV/√Hz
THS413x
150 MHz, 51 V/
µs, 1.3 nV/√Hz
THS414x
160 MHz, 450 V/
µs, 6.5 nV/√Hz
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
PowerPAD is a trademark of Texas Instruments.
3
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2000–2009, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - THS4150

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4150 TI-THS4150 Datasheet
563Kb / 27P
HIGH-SPEED DIFFERENTIAL I/O AMPLIFIERS
THS4150 TI2-THS4150 Datasheet
1Mb / 38P
HIGH-SPEED DIFFERENTIAL I/O AMPLIFIERS
REVISED MARCH 2009
THS4150-1 TI1-THS4150-1 Datasheet
643Kb / 38P
WIDEBAND, LOW-DISTORTION, FULLY DIFFERENTIAL AMPLIFIER
THS4150/1 TI1-THS4150/1 Datasheet
1Mb / 40P
WIDEBAND, LOW-DISTORTION FULLY DIFFERENTIAL AMPLIFIERS
THS4150/1 TI2-THS4150/1 Datasheet
1Mb / 51P
WIDEBAND, LOW-DISTORTION, FULLY DIFFERENTIAL AMPLIFIERS
REVISED MAY 2008
More results

Similar Description - THS4150

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4150 TI-THS4150 Datasheet
563Kb / 27P
HIGH-SPEED DIFFERENTIAL I/O AMPLIFIERS
THS4140 TI-THS4140 Datasheet
523Kb / 24P
HIGH SPEED FULLY DIFFERENTIAL I/O AMPLIFIERS
THS4120 TI-THS4120 Datasheet
504Kb / 23P
HIGH-SPEED FULLY DIFFERENTIAL I/O AMPLIFIERS
THS4121CD TI-THS4121CD Datasheet
1Mb / 30P
HIGH-SPEED FULLY DIFFERENTIAL I/O AMPLIFIERS
THS4130CDG4 TI-THS4130CDG4 Datasheet
1Mb / 36P
HIGH-SPEED, LOW-NOISE, FULLY-DIFFERENTIAL I/O AMPLIFIERS
THS4121IDGN TI1-THS4121IDGN Datasheet
1Mb / 30P
HIGH-SPEED FULLY DIFFERENTIAL I/O AMPLIFIERS
THS4141CDGNR TI-THS4141CDGNR Datasheet
1Mb / 33P
HIGH-SPEED FULLY DIFFERENTIAL I/O AMPLIFIERS
logo
National Semiconductor ...
THS4151 NSC-THS4151 Datasheet
1Mb / 35P
HIGH-SPEED DIFFERENTIAL I/O AMPLIFIERS
THS4121 NSC-THS4121 Datasheet
1Mb / 31P
HIGH-SPEED FULLY DIFFERENTIAL I/O AMPLIFIERS
THS4140 NSC-THS4140 Datasheet
1Mb / 33P
HIGH-SPEED FULLY DIFFERENTIAL I/O AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com