Electronic Components Datasheet Search
  English  ▼

X  

THS4150 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # THS4150
Description  HIGH-SPEED DIFFERENTIAL I/O AMPLIFIERS
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS4150 Datasheet(HTML) 17 Page - Texas Instruments

Back Button THS4150 Datasheet HTML 13Page - Texas Instruments THS4150 Datasheet HTML 14Page - Texas Instruments THS4150 Datasheet HTML 15Page - Texas Instruments THS4150 Datasheet HTML 16Page - Texas Instruments THS4150 Datasheet HTML 17Page - Texas Instruments THS4150 Datasheet HTML 18Page - Texas Instruments THS4150 Datasheet HTML 19Page - Texas Instruments THS4150 Datasheet HTML 20Page - Texas Instruments THS4150 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 34 page
background image
Input voltage definition
V
ID +
V
I)
–
V
I–
V
IC +
V
I) )
V
I–
2
Output voltage definition
V
OD +
V
O)
–
V
O–
V
OC +
V
O) )
V
O–
2
Transfer function
V
OD +
V
ID
x A
f
Output common mode voltage V
OC +
V
OCM
VOCM
_
+
_
+
VCC+
VIN-
VIN+
VO+
VO-
Differential Structure Rejects
Coupled Noise at the Output
Differential Structure Rejects
Coupled Noise at the Input
Differential Structure Rejects
Coupled Noise at the Power Supply
VCC-
−
Rf
R(g)
+
+
−
VCC−
VCC+
R(g)
Rf
Vs
VIN−
VIN+
VO+
VO−
VOCM
Note: For proper operation, maintain symmetry by setting
Rf1 = Rf2 = Rf and R(g)1 = R(g)2 = R(g) ⇒ A = Rf/R(g)
-
Rf
R(g)
+
+
-
VCC-
VCC+
R(g)
Rf
Vs
VIN-
VIN+
VO+
VO-
VOCM
GAIN
R(g) Ω
Rf Ω
1
2
5
10
390
374
402
402
390
750
2010
4020
RECOMMENDED RESISTOR VALUES
THS4150
THS4151
www.ti.com........................................................................................................................................................... SLOS321G – MAY 2000 – REVISED MARCH 2009
Figure 37. Definition of the Fully Differential Amplifier
The following schematics depict the differences between the operation of the THS415x, a fully differential
amplifier, in two different modes. Fully differential amplifiers can work with differential input or can be
implemented as single in/differential out.
Figure 38. Amplifying Differential Signals
Figure 39. Single In With Differential Out
Copyright © 2000–2009, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Link(s): THS4150 THS4151



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com